Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE205 Datasheet(PDF) 15 Page - Analog Devices

Part # ADATE205
Description  250 MHz Dual DCL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE205 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADATE205 Datasheet HTML 8Page - Analog Devices ADATE205 Datasheet HTML 9Page - Analog Devices ADATE205 Datasheet HTML 10Page - Analog Devices ADATE205 Datasheet HTML 11Page - Analog Devices ADATE205 Datasheet HTML 12Page - Analog Devices ADATE205 Datasheet HTML 13Page - Analog Devices ADATE205 Datasheet HTML 14Page - Analog Devices ADATE205 Datasheet HTML 15Page - Analog Devices ADATE205 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADATE205
Rev. 0 | Page 15 of 16
THEORY OF OPERATION
The ADATE205 has two general classes of logic inputs:
differential inputs for controlling functions that generally need
to be operated at high speed, and single-ended CMOS inputs
for setting operating modes or other low speed functions. The
differential inputs have a wide common-mode range that allows
them to be used with a variety of logic families. The differential
inputs can also be used single-ended, with one input from each
pair of inputs tied to a fixed reference, but this makes precise
timing more difficult to achieve.
These differential input pins provide 50 Ω input termination
resistors for use as desired. The single-ended inputs have an
input range compatible with most logic families and are high
impedance to make driving them very easy. The switching
threshold for the single-ended inputs is preset to one-half of the
voltage at the CMOS_VDD pin.
Table 4. Driver and Load Modes
LDEN
(CMOS Single-Ended)
VTEN
(CMOS Single-Ended)
DR_EN
(High Speed Differential)
DR_DATA
(High Speed Differential)
Driver
Status
Load
Status
0
0
0
X
High-Z
High-Z
0
0
1
0
VIL
High-Z
0
0
1
1
VIH
High-Z
0
1
0
X
VIT
High-Z
0
1
1
0
VIL
High-Z
0
1
1
1
VIH
High-Z
1
0
0
X
High-Z
ON
1
0
1
0
VIL
High-Z
1
0
1
1
VIH
High-Z
Table 5. Comparator Low Leakage Mode
CLLM (CMOS Single-Ended)
Typical DUT Pin Bias Current
0
1 μA
1
10 nA
Table 6. Rise/Fall Time Selection 3 V, 10% to 90%, Unterminated
Slew 1
Slew 0
Tr/Tf (ns)
0
0
1.4
0
1
1.9
1
0
2.8
1
1
5.6
Table 7. Comparator Logic Function
Output States
DUT Pin Voltage
COMP_L_P
COMP_L_N
COMP_H_P
COMP_H_N
>CVL
>CVH
1
0
1
0
>CVL
<CVH
1
0
0
1
<CVL
>CVH
0
1
1
0
<CVL
<CVH
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com