Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE205 Datasheet(PDF) 3 Page - Analog Devices

Part # ADATE205
Description  250 MHz Dual DCL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE205 Datasheet(HTML) 3 Page - Analog Devices

  ADATE205 Datasheet HTML 1Page - Analog Devices ADATE205 Datasheet HTML 2Page - Analog Devices ADATE205 Datasheet HTML 3Page - Analog Devices ADATE205 Datasheet HTML 4Page - Analog Devices ADATE205 Datasheet HTML 5Page - Analog Devices ADATE205 Datasheet HTML 6Page - Analog Devices ADATE205 Datasheet HTML 7Page - Analog Devices ADATE205 Datasheet HTML 8Page - Analog Devices ADATE205 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADATE205
Rev. 0 | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VCC = 10 V, VEE = −5 V, TJ = 75°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Single-Ended Logic Input Characteristics
(VTEN, DRV_INV)
Threshold Voltage
CMOS_VDD/2
V
Voltage Range
0
5.5
V
Bias Current
−10
+10
μA
VIN = 0 V, 3.3 V
Single-Ended Logic Input Characteristics
(SLEW0, SLEW1)
Threshold Voltage
CMOS_VDD/2
V
Voltage Range
0
5.5
V
Bias Current
−10
+600 (@ 3.3 V)
+800
μA
VIN = 0 V, 3.3 V
Bias Current
1
mA
VIN = 5.5 V
Differential Logic Input Characteristics
(DR_DATA_N, DR_DATA_P, DR_EN_N,
DR_EN_P)
Voltage Range
−2.0
+3.5
V
Differential Voltage with LVPECL Levels
±250
±300
mV
Bias Current
−10
+2
+10
μA
VIN = 3.24 V, 3.495 V
VIH, VIL Reference Inputs
Input Bias Current
−10
−2
+10
μA
Maximum value bias of
reference sweep
VIT Reference Inputs
Input Bias Current
−25
+12
+25
μA
Maximum value bias of
reference sweep
DC Output Characteristics
Logic Range, VIL, VIH, VIT
−1.5
+6.5
V
Amplitude [VH to VL]
8
V
Output Resistance
47.5
52.5
Ω
PSRR, Drive or Term Mode
10
mV/V
VCC, VEE ±1%
Static Current Limit
−125
±110
+125
mA
Output to −1.5 V, VH = 6.5 V,
VT = 0 V
Absolute Accuracy—VIH, VIL, VIT
VIH Offset
−100
+30
+100
mV
Data = H, VH = 0 V, VL = −1.5 V,
VT = 3 V
VIH Gain Error
0.98
1.02
V/V
Data = H, VH = 0 V to 5 V,
VL = −1.5 V, VT = 3 V
VIH Linearity Error
−15
+5
+15
mV
Data = VH relative to line
between 0 V to 5 V; full range of
VIH = −1.4 V to +6.5 V
VIL Offset
−100
+30
+100
mV
VIL Gain Error
0.98
1.02
V/V
Data = L, VL = 0 V to 5 V,
VH = 6.5 V, VT = 3 V
VIL Linearity Error
−15
+5
+15
mV
Data = VH relative to line
between 0 V to 5 V; full range of
VIH = −1.4 V to +6.5 V
VIT Offset
−100
+30
+100
mV
Data = VT, VT = 0 V, VL = 0 V,
VH = 3 V
VIT Gain Error
0.98
1.02
V/V
Data = VT, VT = 0 V to 5 V,
VL = 0 V, VH = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com