Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE205 Datasheet(PDF) 9 Page - Analog Devices

Part # ADATE205
Description  250 MHz Dual DCL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE205 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADATE205 Datasheet HTML 5Page - Analog Devices ADATE205 Datasheet HTML 6Page - Analog Devices ADATE205 Datasheet HTML 7Page - Analog Devices ADATE205 Datasheet HTML 8Page - Analog Devices ADATE205 Datasheet HTML 9Page - Analog Devices ADATE205 Datasheet HTML 10Page - Analog Devices ADATE205 Datasheet HTML 11Page - Analog Devices ADATE205 Datasheet HTML 12Page - Analog Devices ADATE205 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADATE205
Rev. 0 | Page 9 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
74
GNDREF_2
73
VIOH_2
72
VIOL_2
69
VIT_2
70
D_INV_2
71
GND
75
VCOM_2
68
VIL_2
67
VIH_2
66
CLAMPH_2
64
GND
63
CLLM_2
62
LDEN_2
61
VTEN_2
60
VEE
59
VEE
58
VCC
57
VCC
56
GND
55
GND
54
DR_DATA_P_2
53
DR_DATA_P_T_2
52
DR_DATA_N_T_2
51
DR_DATA_N_2
65
CLAMPL_2
PIN 1
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
2
GNDREF_1
3
VIOH_1
4
VIOL_1
7
VIT_1
6
D_INV_1
5
GND
1
VCOM_1
8
VIL_1
9
VIH_1
10
CLAMPL_1
12
GND
13
CLLM_1
14
LDEN_1
15
VTEN_1
16
VEE
17
VEE
18
VCC
19
VCC
20
GND
21
GND
22
DR_DATA_P_1
23
DR_DATA_P_T_1
24
DR_DATA_N_T_1
25
DR_DATA_N_1
11
CLAMPH_1
ADATE205
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com