Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE205 Datasheet(PDF) 11 Page - Analog Devices

Part # ADATE205
Description  250 MHz Dual DCL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE205 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADATE205 Datasheet HTML 7Page - Analog Devices ADATE205 Datasheet HTML 8Page - Analog Devices ADATE205 Datasheet HTML 9Page - Analog Devices ADATE205 Datasheet HTML 10Page - Analog Devices ADATE205 Datasheet HTML 11Page - Analog Devices ADATE205 Datasheet HTML 12Page - Analog Devices ADATE205 Datasheet HTML 13Page - Analog Devices ADATE205 Datasheet HTML 14Page - Analog Devices ADATE205 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADATE205
Rev. 0 | Page 11 of 16
Pin No.
Mnemonic
Description
47
DR_EN_N_2
Complement of DR_EN_P_2.
48
DR_EN_N_T_2
Complement of DR_EN_N_T_2.
49
DR_EN_P_T_2
Termination Resistors for HS Inputs. Opposite end of each 50 Ω termination resistor goes to the
appropriate signal.
50
DR_EN_P_2
High Speed Enable Inputs. Multifunction depending on status of VTEN_2 and LDEN_2. Causes driver
to enter/leave inhibit; driver to enter/leave termination mode; load to leave/enter inhibit (see
Table 4).
51
DR_DATA_N_2
Complement of DR_DATA_P_2.
52
DR_DATA_N_T_2
Complement of DR_DATA_P_T_2.
53
DR_DATA_P_T_2
Termination Resistors for HS Inputs. Opposite end of each 50 Ω termination resistor goes to the
appropriate signal.
54
DR_DATA_P_2
High Speed Data Inputs. Sets high/low state of driver output (see Table 4).
61
VTEN_2
Low Speed Control Signal. When high, DR_EN_2 forces driver output to VT; otherwise, DR_EN_2
forces driver to high impedance (see Table 4).
62
LDEN_2
Determines Whether LD Responds to DR_EN_2 or is Disabled (see Table 4).
63
CLLM_2
Comp Low Leakage Mode.
65
CLAMPL_2
Low Clamp.
66
CLAMPH_2
High Clamp.
67
VIH_2
Driver High Voltage Reference.
68
VIL_2
Driver Low Voltage Reference.
69
VIT_2
Driver Term Voltage Reference.
70
D_INV_2
Driver Invert.
72
VIOL_2
Program Voltage for IOL (Source).
73
VIOH_2
Program Voltage for IOH (Sink).
74
GNDREF_2
Reference GND for VIOL, VIOH.
75
VCOM_2
Commutation Reference Voltage.
80, 82, 94, 96
GND/SHIELDS
Device Ground or Pin Shield.
81
DUT_2
Output/Input Pin.
85
CVH_2
Window High Reference Level.
86
CVL_2
Window Low Reference Level.
88
TEMP
Temperature Sense, Five Diode String, Reference to GND.
90
CVL_1
Window Low Reference Level.
91
CVH_1
Window High Reference Level.
95
DUT_1
Output/Input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com