Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE205 Datasheet(PDF) 14 Page - Analog Devices

Part # ADATE205
Description  250 MHz Dual DCL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE205 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADATE205 Datasheet HTML 8Page - Analog Devices ADATE205 Datasheet HTML 9Page - Analog Devices ADATE205 Datasheet HTML 10Page - Analog Devices ADATE205 Datasheet HTML 11Page - Analog Devices ADATE205 Datasheet HTML 12Page - Analog Devices ADATE205 Datasheet HTML 13Page - Analog Devices ADATE205 Datasheet HTML 14Page - Analog Devices ADATE205 Datasheet HTML 15Page - Analog Devices ADATE205 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADATE205
Rev. 0 | Page 14 of 16
32.0
27.5
30.0
20.0
22.0
25.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
–3.0
1
2
34
56
7
89
10
1ns/DIV
Figure 15. Comparator tPD vs. Pulse Width
40
20
10
30
0
–10
–30
–20
–40
–2
–1
0
1
3
4
5
6
27
VDUT (V)
VCOM = 1V
IOH = IOL = 35mA
Figure 16. Active Load Commutation Region
18
12
10
8
14
16
6
4
2
–2
0
–4
0
5
10
20
25
30
15
35
IOL (mA)
VCOM = 0V
IOL = 0V
VDUT = 2V
Figure 17. Active Load Linearity vs. IOH
14
8
6
4
10
12
2
0
–4
–2
–6
0
5
10
20
25
30
15
35
IOL (mA)
VCOM = 2V
IOH = 0V
VDUT = 0V
Figure 18. Active Load Linearity vs. IOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com