Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW86 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLW86
Description  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW86 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLW86 Datasheet HTML 1Page - NXP Semiconductors BLW86 Datasheet HTML 2Page - NXP Semiconductors BLW86 Datasheet HTML 3Page - NXP Semiconductors BLW86 Datasheet HTML 4Page - NXP Semiconductors BLW86 Datasheet HTML 5Page - NXP Semiconductors BLW86 Datasheet HTML 6Page - NXP Semiconductors BLW86 Datasheet HTML 7Page - NXP Semiconductors BLW86 Datasheet HTML 8Page - NXP Semiconductors BLW86 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
August 1986
5
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW86
Fig.5 Typical values; Tj =25 °C.
handbook, halfpage
0
5
10
15
100
0
50
MGP633
VCE = 28 V
5 V
hFE
IC (A)
Fig.6 IE =Ie = 0; f = 1 MHz; Tj =25 °C.
handbook, halfpage
020
40
300
0
200
MGP634
100
typ
Cc
(pF)
VCB (V)
Fig.7 Typical values; f = 100 MHz; Tj =25 °C.
handbook, full pagewidth
15
1000
0
05
10
MGP635
500
15 V
VCB = 28 V
fT
(MHz)
−IE (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com