Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW86 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLW86
Description  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW86 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLW86 Datasheet HTML 5Page - NXP Semiconductors BLW86 Datasheet HTML 6Page - NXP Semiconductors BLW86 Datasheet HTML 7Page - NXP Semiconductors BLW86 Datasheet HTML 8Page - NXP Semiconductors BLW86 Datasheet HTML 9Page - NXP Semiconductors BLW86 Datasheet HTML 10Page - NXP Semiconductors BLW86 Datasheet HTML 11Page - NXP Semiconductors BLW86 Datasheet HTML 12Page - NXP Semiconductors BLW86 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
August 1986
9
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW86
Fig.13 Input impedance (series components).
handbook, halfpage
0
100
200
300
2.5
−2.5
0
MGP639
ri, xi
(
Ω)
f (MHz)
xi
ri
xi
ri
Typical values; VCE = 28 V; PL = 45 W; Th =25 °C.
Fig.14 Load impedance (parallel components).
handbook, halfpage
0
100
RL
(
Ω)
RL
CL
RL
CL
CL
(pF)
200
f (MHz)
300
10
0
5
0
−500
−250
MGP640
Typical values; VCE = 28 V; PL = 45 W; Th =25 °C.
Fig.15 Power gain versus frequency.
handbook, halfpage
0
100
200
300
25
0
5
10
15
20
MGP641
f (MHz)
Gp
(dB)
Typical values; VCE = 28 V; PL = 45 W; Th =25 °C.
OPERATING NOTE
Below 75 MHz a base-emitter resistor of 10
Ω is
recommended to avoid oscillation. This resistor must be
effective for r.f. only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com