Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW86 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLW86
Description  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW86 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLW86 Datasheet HTML 4Page - NXP Semiconductors BLW86 Datasheet HTML 5Page - NXP Semiconductors BLW86 Datasheet HTML 6Page - NXP Semiconductors BLW86 Datasheet HTML 7Page - NXP Semiconductors BLW86 Datasheet HTML 8Page - NXP Semiconductors BLW86 Datasheet HTML 9Page - NXP Semiconductors BLW86 Datasheet HTML 10Page - NXP Semiconductors BLW86 Datasheet HTML 11Page - NXP Semiconductors BLW86 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
August 1986
8
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW86
Fig.10 Typical values; VCE = 28 V; f = 175 MHz.
handbook, halfpage
010
20
75
0
50
MGP636
25
PL
(W)
PS (W)
70
°C
Th = 25 °C
Fig.11 Typical values; VCE = 28 V; f = 175 MHz;
− − − Th =25 °C;  Th =70 °C.
handbook, halfpage
0
255075
10
0
5
100
0
50
MGP637
Gp
(dB)
η
(%)
PL (W)
η
Gp
Fig.12 R.F. SOAR; c.w. class-B operation;
f = 175 MHz; VCE = 28 V; Rth mb-h = 0,3 K/W
The graph shows the permissible output power under
nominal conditions (VSWR = 1) as a function of the
expected VSWR during short-time mismatch
conditions with heatsink temperatures as parameter.
handbook, halfpage
100
0
MGP638
110
VSWR
102
50
PLnom
(W)
(VSWR = 1)
90
°C
70
°C
Th = 50 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com