Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW86 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLW86
Description  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW86 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLW86 Datasheet HTML 6Page - NXP Semiconductors BLW86 Datasheet HTML 7Page - NXP Semiconductors BLW86 Datasheet HTML 8Page - NXP Semiconductors BLW86 Datasheet HTML 9Page - NXP Semiconductors BLW86 Datasheet HTML 10Page - NXP Semiconductors BLW86 Datasheet HTML 11Page - NXP Semiconductors BLW86 Datasheet HTML 12Page - NXP Semiconductors BLW86 Datasheet HTML 13Page - NXP Semiconductors BLW86 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
August 1986
10
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW86
R.F. performance in s.s.b. class-AB operation (linear power amplifier)
VCE = 28 V; f1 = 28,000; f2 = 28,001 MHz.
Note
1. Stated intermodulation distortion figures are referred to the according level of either of the equal amplified tones.
Relative to the according peak envelope powers these figures should be increased by 6 dB.
List of components:
OUTPUT POWER
W
GP
dB
ηdt (%)
at 47,5 W
IC (A)
(P.E.P.)
d3
dB(1)
d5
dB(1)
IC(ZS)
mA
Th
°C
5 to 47,5 (P.E.P.)
typ. 19
typ. 45
typ. 1,9
typ.
−30
<−30
50
25
5 to 42,5 (P.E.P.)
typ. 19
−−
typ.
−30
<−30
50
70
C1 = C2 = 10 to 780 pF film dielectric trimmer
C3 = C5 = C6 = 220 nF polyester capacitor
C4 = 56 pF ceramic capacitor (500 V)
C7 = C8 = 15 to 575 pF film dielectric trimmer
L1 = 4 turns closely wound enamelled Cu wire (1,6 mm); int. dia. 7,0 mm; leads 2
× 5mm
L2 = Ferroxcube wide-band h.f. choke, grade 3B (cat. no. 4312 020 36640)
L3 = 4 turns enamelled Cu wire (1,6 mm); int. dia. 10 mm; length 9,4 mm; leads 2
× 5 mm
L4 = 7 turns enamelled Cu wire (1,6 mm); int. dia. 12 mm; length 17,2 mm; leads 2
× 5 mm
R1 =1,2
Ω; parallel connection of 4 × 4,7 Ω carbon resistors
R2 = 39
Ω carbon resistor
Fig.16 Test circuit; s.s.b. class-AB.
handbook, full pagewidth
50
Ω
MGP642
50
Ω
temperature
compensated bias
R1
L2
L1
R2
L4
T.U.T.
L3
C7
C4
C5
C6
C8
C1
C2
C3
+VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com