Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW86 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLW86
Description  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW86 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLW86 Datasheet HTML 7Page - NXP Semiconductors BLW86 Datasheet HTML 8Page - NXP Semiconductors BLW86 Datasheet HTML 9Page - NXP Semiconductors BLW86 Datasheet HTML 10Page - NXP Semiconductors BLW86 Datasheet HTML 11Page - NXP Semiconductors BLW86 Datasheet HTML 12Page - NXP Semiconductors BLW86 Datasheet HTML 13Page - NXP Semiconductors BLW86 Datasheet HTML 14Page - NXP Semiconductors BLW86 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
August 1986
11
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW86
Fig.17 Intermodulation distortion as a function of
output power.(1)
VCE = 28 V; IC(ZS) = 50 mA; f1 = 28,000 MHz;
f2 = 28,001 MHz; typical values.
handbook, halfpage
025
50
−20
−50
−40
−30
MGP643
d3, d5
(dB)
P.E.P. (W)
Th =
90
°C
70
°C
50
°C
25
°C
d3
d5
Fig.18 Double-tone efficiency and power gain as a
function of output power.
VCE = 28 V; IC(ZS) = 50 mA; f1 = 28,000 MHz;
f2 = 28,001 MHz; Th =25 °C; typical values.
handbook, halfpage
025
Gp
(dB)
50
P.E.P. (W)
75
50
10
30
20
40
20
15
0
10
5
MGP644
ηdt
(%)
Gp
ηdt
Fig.19 Power gain as a function of frequency.
handbook, halfpage
30
20
10
0
MGP645
110
102
Gp
(dB)
f (MHz)
VCE = 28 V; IC(ZS) = 50 mA; PL = 47,5 W;
Th =25 °C; ZL = 6,4 Ω.
Figs 19 and 20 are typical curves and hold for an
unneutralized amplifier in s.s.b. class-AB operation.
Fig.20 Input impedance (series components) as a
function of frequency.
handbook, halfpage
20
10
0
−10
MGP646
110
102
ri, xi
(
Ω)
f (MHz)
ri
xi
VCE = 28 V; IC(ZS) = 50 mA; PL = 47,5 W;
Th =25 °C; ZL = 6,4 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com