Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW86 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BLW86
Description  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW86 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BLW86 Datasheet HTML 7Page - NXP Semiconductors BLW86 Datasheet HTML 8Page - NXP Semiconductors BLW86 Datasheet HTML 9Page - NXP Semiconductors BLW86 Datasheet HTML 10Page - NXP Semiconductors BLW86 Datasheet HTML 11Page - NXP Semiconductors BLW86 Datasheet HTML 12Page - NXP Semiconductors BLW86 Datasheet HTML 13Page - NXP Semiconductors BLW86 Datasheet HTML 14Page - NXP Semiconductors BLW86 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
August 1986
13
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW86
List of components in Fig.21:
C1 = C2 = 10 to 780 pF film dielectric trimmer
C3 = 22 nF ceramic capacitor (63 V)
C4 = 47
µF/10 V electrolytic capacitor
C5 = 56 pF ceramic capacitor (500 V)
C6 = 47
µF/35 V electrolytic capacitor
C7 = C8 = 220 nF polyester capacitor
C9 = 10
µF/35 V electrolytic capacitor
C10 = 10 to 210 pF film dielectric trimmer
C11 = 15 to 575 pF film dielectric trimmer
L1 = 3 turns closely wound enamelled Cu wire (1,6 mm); int. dia. 9,0 mm; leads 2
× 5 mm
L2 = L3 = Ferroxcube wide-band h.f. choke, grade 3B (cat. no. 4312 020 36640)
L4 = 11 turns closely wound enamelled Cu wire (1,6 mm); int. dia. 11,0 mm
L5 = 14 turns closely wound enamelled Cu wire (1,6 mm); int. dia. 11,0 mm
R1 = 600
Ω; parallel connection of 2 × 1,2 kΩ carbon resistors (±5%; 0,5 W each)
R2 = 15
Ω carbon resistor (±5%; 0,25 W)
R3 = 1,2
Ω; parallel connection of 4 × 4,7 Ω carbon resistors (±5%; 0,125 W each)
R4 = 33
Ω carbon resistor (±5%; 0,25 W)
R5 = 18
Ω carbon resistor (±5%; 0,25 W)
R6 = 120
Ω wirewound resistor (±5%; 5,5 W)
R7 =
1
Ω carbon resistor (±5%; 0,125 W)
R8 = 47
Ω wirewound potentiometer (3 W)
R9 = 1,57
Ω; parallel connection of 3 × 4,7 Ω wirewound resistors (±5%; 5,5 W each)
Fig.22 Intermodulation distortion as a function of output power. Typical values; VCE = 26 V; Th =70 °C;
f1 = 28,000 MHz; f2 = 28,001 MHz.
handbook, halfpage
030
−20
−30
−50
−60
−40
10
20
P.E.P. (W)
MGP648
IC = 1.4 A
1.55 A
1.7 A
d3
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com