Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW86 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLW86
Description  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW86 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLW86 Datasheet HTML 7Page - NXP Semiconductors BLW86 Datasheet HTML 8Page - NXP Semiconductors BLW86 Datasheet HTML 9Page - NXP Semiconductors BLW86 Datasheet HTML 10Page - NXP Semiconductors BLW86 Datasheet HTML 11Page - NXP Semiconductors BLW86 Datasheet HTML 12Page - NXP Semiconductors BLW86 Datasheet HTML 13Page - NXP Semiconductors BLW86 Datasheet HTML 14Page - NXP Semiconductors BLW86 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
August 1986
12
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW86
Ruggedness in s.s.b. operation
The BLW86 is capable of withstanding a load mismatch (VSWR = 50) under the following conditions: class-AB operation;
f1 = 28,000 MHz; f2 = 28,001 MHz; VCE = 28 V; Th =70 °C and PLnom = 50 W P.E.P.
R.F. performance in s.s.b. class-A operation (linear power amplifier)
VCE = 26 V; f1 = 28,000 MHz; f2 = 28,001 MHz
Note
1. Stated intermodulation distortion figures are referred to the according level of either of the equal amplified tones.
Relative to the according peak envelope powers these figures should be increased by 6 dB.
OUTPUT POWER
W
GP
dB
IC
A
d3
dB(1)
d5
dB(1)
Th
°C
17 (P.E.P.)
typ. 22
1,7
typ.
−40
<−40
70
17 (P.E.P.)
typ. 22
1,7
typ.
−42
<−40
25
Fig.21 Test circuit; s.s.b. class-A.
handbook, full pagewidth
50
Ω
MGP647
50
Ω
L3
L1
R3
R4
L5
T.U.T.
L4
C10
C5
C7
C8
C6
C11
C1
C2
C3
C4
L2
R2
R1
C9
R7
R9
+VCC
R5
R8
R6
BY206
BD204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com