Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9640/PCB Datasheet(PDF) 39 Page - Analog Devices

Part # AD9640/PCB
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640/PCB Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9640/PCB Datasheet HTML 33Page - Analog Devices AD9640/PCB Datasheet HTML 34Page - Analog Devices AD9640/PCB Datasheet HTML 35Page - Analog Devices AD9640/PCB Datasheet HTML 36Page - Analog Devices AD9640/PCB Datasheet HTML 37Page - Analog Devices AD9640/PCB Datasheet HTML 38Page - Analog Devices AD9640/PCB Datasheet HTML 39Page - Analog Devices AD9640/PCB Datasheet HTML 40Page - Analog Devices AD9640/PCB Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
Preliminary Technical Data
AD9640
Rev. PrD | Page 39 of 41
APPLICATIONS
DESIGN GUIDELINES
When designing the AD9640 into a system, it is recommended
that, before starting design and layout, the designer become
familiar with these guidelines, which discuss the special circuit
connections and layout requirements required for certain pins.
Power and Ground Recommendations
When connecting power to the AD9640, it is recommended
that two separate 1.8 V supplies be used: one supply should be
used for analog (AVDD) and digital (DVDD) and a separate
supply for the digital outputs (DRVDD). The AVDD and
DVDD supplies, while derived from the same source, should be
isolated with a ferrite bead or filter choke and separate
decoupling capacitors. The user can employ several different
decoupling capacitors to cover both high and low frequencies.
These should be located close to the point of entry at the PC
board level and close to the part’s pins with minimal trace
length.
A single PC board ground plane should be sufficient when
using the AD9640. With proper decoupling and smart parti-
tioning of the PC board’s analog, digital, and clock sections,
optimum performance is easily achieved.
Exposed Paddle Thermal Heat Slug Recommendations
It is mandatory that the exposed paddle on the underside of the
ADC is connected to analog ground (AGND) to achieve the
best electrical and thermal performance of the AD9640. A
continuous exposed (no solder mask) copper plane on the PCB
should mate to the AD9640 exposed paddle, Pin 0. The copper
plane should have several vias to achieve the lowest possible
resistive thermal path for heat dissipation to flow through the
bottom of the PCB. These vias should be filled or plugged with
nonconductive epoxy.
To maximize the coverage and adhesion between the ADC and
PCB, overlay a silkscreen to partition the continuous plane on
the PCB into several uniform sections. This provides several tie
points between the two during the reflow process. Using one
continuous plane with no partitions only guarantees one tie
point between the ADC and PCB. See the evaluation board for a
PCB layout example. For detailed information on packaging
and the PCB layout of chip scale packages, see the AN-772
Application Note, “A Design and Manufacturing Guide for the
Lead Frame Chip Scale Package (LFCSP),” at www.analog.com.
CML
The CML pin should be decoupled to ground with a 0.1uF
capacitor, as shown in Figure 5.
RBIAS
The AD9640 requires the user to place a 10KΩ resistor between
the RBIAS pin and ground. This resister sets the master current
reference of the ADC core and should have at least a 1%
tolerance.
Reference Decoupling
The VREF pin should be externally decoupled to ground with a
low ESR 1.0uF capacitor in parallel with a 0.1uF ceramic low
ESR capacitor.
SPI Port
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Since the
SCLK, CSB and SDIO signals are typically asynchronous to the
ADC clock, noise from these signals can degrade the converter’s
performance. If the on board SPI Bus is utilized for other
devices it may be necessary to provide buffers between this bus
and the AD9640 in order to keep these signals from
transitioning at the converter inputs during critical sampling
periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com