Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9640/PCB Datasheet(PDF) 22 Page - Analog Devices

Part # AD9640/PCB
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640/PCB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9640/PCB Datasheet HTML 18Page - Analog Devices AD9640/PCB Datasheet HTML 19Page - Analog Devices AD9640/PCB Datasheet HTML 20Page - Analog Devices AD9640/PCB Datasheet HTML 21Page - Analog Devices AD9640/PCB Datasheet HTML 22Page - Analog Devices AD9640/PCB Datasheet HTML 23Page - Analog Devices AD9640/PCB Datasheet HTML 24Page - Analog Devices AD9640/PCB Datasheet HTML 25Page - Analog Devices AD9640/PCB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
AD9640
Preliminary Technical Data
Rev. PrD | Page 22 of 41
illustrated in Figure 19.
Figure 19. SNR vs. Input Frequency and Jitter
The clock input should be treated as an analog signal in cases
where aperture jitter may affect the dynamic range of the
AD9640. Power supplies for clock drivers should be separated
from the ADC output driver supplies to avoid modulating the
clock signal with digital noise. Low jitter, crystal-controlled
oscillators make the best clock sources. If the clock is generated
from another type of source (by gating, dividing, or other
methods), it should be retimed by the original clock at the last
step.
Refer to the AN-501 Application Note and the AN-756
Application Note for more in-depth information about jitter
performance as it relates to ADCs. See www.analog.com.
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 20, the power dissipated by the AD9640 is
proportional to its sample rate. In CMOS output mode, the
digital power dissipation is determined primarily by the
strength of the digital drivers and the load on each output bit.
The maximum DRVDD current (IDRVDD) can be calculated as:
N
f
C
V
I
CLK
LOAD
DRVDD
DRVDD
×
×
×
=
where N is the number of output bits, 14 in the case of the
AD9640. This maximum current occurs when every output bit
switches on every clock cycle, that is, a full-scale square wave at
the Nyquist frequency, fCLK/2. In practice, the DRVDD current
is established by the average number of output bits switching,
which is determined by the sample rate and the characteristics
of the analog input signal. Reducing the capacitive load
presented to the output drivers can minimize digital power
consumption. The data in Figure 20 was taken with the same
operating conditions as the Typical Performance Characteristics
with a 5 pF load on each output driver.
Figure 20. Power vs. Clock Frequency@ 30 MHz
By asserting the PDWN mode (either through the SPI port or
by asserting the PDWN pin high), the AD9640 is placed in
power-down mode. In this state, the ADC typically dissipates
TBD mW. During power-down, the output drivers are placed in
a high impedance state. Asserting the PDWN pin low returns
the AD9640 to its normal operational mode. This pin is both
1.8V and 3.3V tolerant.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering
power-down mode and then must be recharged when returning
to normal operation. As a result, the wake-up time is related to
the time spent in power-down mode and shorter power-down
cycles result in proportionally shorter wake-up times. It takes
approximately TBD sec to fully discharge the internal reference
buffer decoupling capacitors and TBD ms to restore full
operation.
When using the SPI port interface, the user can place the ADC
in power-down or standby modes. Standby mode allows the
user to keep the internal reference circuitry powered when
faster wake-up times are required. See the SPI Register Map
Description section for more details.
DIGITAL OUTPUTS
The AD9640 output drivers can be configured to interface with
1.8 V to 3.3 V logic families by matching DRVDD to the digital
supply of the interfaced logic.
In CMOS output mode, the output drivers are sized to provide
sufficient output current to drive a wide variety of logic
families. However, large drive currents tend to cause current
glitches on the supplies that may affect converter performance.
Applications requiring the ADC to drive large capacitive loads
or large fan-outs may require external buffers or latches.
The output data format can be selected for either offset binary
or twos complement by setting the CLK/DFS pin when
operating in the external pin mode (see Table 3). As detailed in
the memory map register description section the data format
can be selected for either offset binary, twos complement, or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com