Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9640/PCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9640/PCB
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640/PCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9640/PCB Datasheet HTML 21Page - Analog Devices AD9640/PCB Datasheet HTML 22Page - Analog Devices AD9640/PCB Datasheet HTML 23Page - Analog Devices AD9640/PCB Datasheet HTML 24Page - Analog Devices AD9640/PCB Datasheet HTML 25Page - Analog Devices AD9640/PCB Datasheet HTML 26Page - Analog Devices AD9640/PCB Datasheet HTML 27Page - Analog Devices AD9640/PCB Datasheet HTML 28Page - Analog Devices AD9640/PCB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
Preliminary Technical Data
AD9640
Rev. PrD | Page 25 of 41
ADC OVERRANGE (OVR)
The ADC Overrange bit becomes active when an overrange is
detected on the input of the ADC. The overrange condition is
determined at the output of the ADC pipline and is therefore
subject to the TBD ADC clock cycle latency. So an overrange at
the input would be indicated by this bit TBD clock cycles after it
occurred.
GAIN SWITCHING
The AD9640 includes circuitry that is useful in applications
where either large dynamic ranges exist or where gain ranging
converters are employed. This circuitry allows digital thresholds
to be set such that an upper and a lower threshold can be
programmed. Fast detect modes 2 through 7 support various
combinations of the gain switching options.
One such use of this may be to detect when an ADC is about to
reach full scale with a particular input condition. The results
would be to provide a flag that could be used to quickly insert
an attenuator that would prevent ADC overdrive.
Coarse Upper Threshold (C_UT)
The coarse upper threshold bit is asserted if the input level
present on the ADC Fast Magnitude bits is greater than the level
programmed in the coarse upper threshold register at address
0x105 bits [2:0]. This value is compared with the ADC Fast
Magnitude Bits [2:0]. The coarse upper threshold levels are
shown in Table x.x. This bit remains asserted for a minimum of
2 ADC clock cycles or until the signal drops below the
threshold level.
Table xx. Fast Magnitude Nominal Threshold Levels
Coarse Upper
Threshold Register
[2:0]
C_UT active when
signal magnitude
in dB below FS is
greater than
000
001
TBD
010
TBD
011
TBD
100
TBD
101
TBD
110
TBD
111
TBD
Fine Upper Threshold (F_UT)
The Fine Upper Threshold bit will be asserted if the input
magnitude exceeds the value programmed in the Fine Upper
Threshold Register located at addresses 0x106 and 0x107. This
is a 13 bit threshold register that is compared with the
magnitude at the output of the ADC. This comparison is
subject to the ADC clock latency but allows a finer, more
accurate comparison. The fine threshold magnitude is defined
by equation x.x.
dBFS = 20 log (threshold mag/2^13)
Fine Lower Threshold (F_LT)
The Fine Lower Threshold bit will be asserted if the input
magnitude is less than value programmed in the Fine Lower
Threshold Register located at addresses 0x108 and 0x109. The
fine lower threshold register is a 13 bit register that is compared
with the magnitude at the output of the ADC. This comparison
is delayed by the ADC clock latency but provides an accurate
comparison. The fine threshold magnitude is defined by
equation x.x.
dBFS = 20 log (threshold mag/2^13)
Increment Gain (IG) and Decrement Gain (DG)
The Increment Gain and decrement gain outputs are intended
to be used together to provide information to enable external
gain control. The Decrement Gain output works identically to
the Coarse Upper Threshold output. This bit is asserted when
the input magnitude is greater than the three bit value in the
Coarse Upper Threshold Register. The Increment Gain output
is similar to the Fine Lower Threshold bit except that it will be
asserted only if the input magnitude is less than value
programmed in the Fine Lower Threshold Register for greater
than the 16 bit Dwell Time value located at addresses 0x10A
and 0x10B. The dwell time is set in units of ADC input clock
cycles ranging from 1 to 65535. The fine lower threshold
register is a 13 bit register that is compared with the magnitude
at the output of the ADC. This comparison is subject to the
ADC clock latency but allows a finer, more accurate
comparison. The fine threshold magnitude is defined by
equation x.x.
The decrement gain output works off the ADC fast detect bits
providing a fast indication of potential overrange conditions.
The increment gain uses the comparison at the output of the
ADC requiring the input magnitude to remain below an
accurate programmable level for a predefined period before
signaling external circuitry to increase the gain.
The operation of the increment gain and decrement gain bits is
shown in Figure x.x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com