Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9640/PCB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9640/PCB
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640/PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9640/PCB Datasheet HTML 3Page - Analog Devices AD9640/PCB Datasheet HTML 4Page - Analog Devices AD9640/PCB Datasheet HTML 5Page - Analog Devices AD9640/PCB Datasheet HTML 6Page - Analog Devices AD9640/PCB Datasheet HTML 7Page - Analog Devices AD9640/PCB Datasheet HTML 8Page - Analog Devices AD9640/PCB Datasheet HTML 9Page - Analog Devices AD9640/PCB Datasheet HTML 10Page - Analog Devices AD9640/PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Preliminary Technical Data
AD9640
Rev. PrD | Page 7 of 41
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DVDD = 1.8V, DRVDD = 1.8 V, maximum sample rate, −1.0 dBFS differential input, 1.0 V internal reference, DCS
enabled, unless otherwise noted.
Table 3.
Parameter
Temp
AD9640BCPZ-80
AD9640BCPZ-105
AD9640BCPZ-125
AD9640BCPZ-150
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
DIFFERENTIAL CLOCK INPUTS (CLK+,
CLK-)
Logic Compliance
CMOS/LVDS/LVPECL
CMOS/LVDS/LVPECL
CMOS/LVDS/LVPECL
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
1.2
1.2
1.2
1.2
V
Differential Input Voltage
Full
0.2
6
0.2
6
0.2
6
0.2
6
Vp-p
Input Voltage Range
Full
AVDD-
0.3
AVDD+
1.5
AVDD-
0.3
AVDD+
1.5
AVDD-
0.3
AVDD+
1.5
AVDD-
0.3
AVDD+
1.5
V
Input Common-Mode Range
Full
1.1V
AVDD
1.1V
AVDD
1.1V
AVDD
1.1V
AVDD
V
High Level Input Voltage
Full
TBD
TBD
TBD
TBD
V
Low Level Input Voltage
Full
0.8
0.8
0.8
0.8
V
High Level Input Current
Full
−10
+10
−10
+10
−10
+10
−10
+10
μA
Low Level Input Current
Full
−10
+10
−10
+10
−10
+10
−10
+10
μA
Input Capacitance
Full
TBD
TBD
TBD
TBD
pF
Input Resistance
Full
8
10
12
8
10
12
8
10
12
8
10
12
ΚΩ
LOGIC INPUTS (CSB, SCLK/DCS, OE,
PWDN)
High Level Input Voltage
Full
TBD
TBD
TBD
TBD
V
Low Level Input Voltage
Full
0.8
0.8
0.8
0.8
V
High Level Input Current
Full
−10
+10
−10
+10
−10
+10
−10
+10
μA
Low Level Input Current
Full
−10
+10
−10
+10
−10
+10
−10
+10
μA
Input Resistance
Full
TBD
TBD
TBD
TBD
kΩ
Input Capacitance
Full
TBD
TBD
TBD
TBD
pF
LOGIC INPUTS (SDIO/DFS)
High Level Input Voltage
Full
1.2
1.2
1.2
1.2
V
Low Level Input Voltage
Full
0.8
0.8
0.8
0.8
V
High Level Input Current
Full
−10
+10
−10
+10
−10
+10
−10
+10
μA
Low Level Input Current
Full
−10
+10
−10
+10
−10
+10
−10
+10
μA
Input Resistance
Full
TBD
TBD
TBD
TBD
kΩ
Input Capacitance
Full
TBD
TBD
TBD
TBD
pF
DIGITAL OUTPUTS
DRVDD = 3.3 V
High Level Output Voltage
(IOH = 50 μA)
Full
3.29
3.29
3.29
3.29
V
High Level Output Voltage
(IOH = 0.5 mA)
Full
3.25
3.25
3.25
3.25
V
Low Level Output Voltage (IOL
= 1.6 mA)
Full
0.2
0.2
0.2
0.2
V
Low Level Output Voltage (IOL
= 50 μA)
Full
0.05
0.05
0.05
0.05
V
DRVDD = 1.8 V
High Level Output Voltage
(IOH = 50 μA)
Full
1.79
1.79
1.79
1.79
V
High Level Output Voltage
(IOH = 0.5 mA)
Full
1.75
1.75
1.75
1.75
V
Low Level Output Voltage (IOL
= 1.6 mA)
Full
0.2
0.2
0.2
0.2
V
Low Level Output Voltage (IOL
= 50 μA)
Full
0.05
0.05
0.05
0.05
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com