Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9640/PCB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9640/PCB
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640/PCB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9640/PCB Datasheet HTML 2Page - Analog Devices AD9640/PCB Datasheet HTML 3Page - Analog Devices AD9640/PCB Datasheet HTML 4Page - Analog Devices AD9640/PCB Datasheet HTML 5Page - Analog Devices AD9640/PCB Datasheet HTML 6Page - Analog Devices AD9640/PCB Datasheet HTML 7Page - Analog Devices AD9640/PCB Datasheet HTML 8Page - Analog Devices AD9640/PCB Datasheet HTML 9Page - Analog Devices AD9640/PCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
AD9640
Preliminary Technical Data
Rev. PrD | Page 6 of 41
ADC AC SPECIFICATIONS
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS
Enabled, Fast Detect Outputs disabled, Signal Monitor disabled, unless otherwise noted.
Table 2.
AD9640BCPZ-80
AD9640BCPZ-105
AD9640BCPZ-125
AD9640BCPZ-150
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
fIN = 2.4 MHz
25°C
72.0
71.9
71.9
71.9
dB
Full
dB
fIN = 70 MHz
25°C
71.9
71.9
71.7
71.7
dB
Full
TBD
TBD
TBD
TBD
dB
fIN = 100 MHz
25°C
71.6
71.6
71.6
71.6
dB
fIN = 170 MHz
25°C
69.9
70.9
70.8
70.8
dB
SIGNAL-TO-NOISE-AND
DISTORTION (SINAD)
fIN = 2.4 MHz
25°C
71.1
71.1
71.1
71.1
dB
Full
dB
fIN = 70 MHz
25°C
71.5
70.8
70.6
70.6
dB
Full
TBD
TBD
TBD
TBD
dB
fIN = 100 MHz
25°C
70.5
70.6
70.6
70.6
dB
fIN = 170 MHz
25°C
68.0
69.9
69.8
69.8
dB
EFFECTIVE NUMBER OF BITS
(ENOB)
fIN = 2.4 MHz
25°C
11.7
11.7
11.7
11.7
Bits
fIN = 70 MHz
25°C
11.6
11.6
11.6
11.6
Bits
fIN = 100 MHz
25°C
11.6
11.6
11.6
11.6
Bits
fIN = 170 MHz
25°C
11.5
11.5
11.5
11.5
Bits
WORST SECOND OR THIRD
HARMONIC
fIN = 2.4 MHz
25°C
90
90
90
90
dBc
Full
dBc
fIN = 70 MHz
25°C
85
85
85
85
dBc
Full
dBc
fIN = 100 MHz
25°C
85
85
85
83
dBc
fIN = 170 MHz
25°C
84
83.4
83
83
dBc
SPURIOUS-FREE DYNAMIC RANGE
(SFDR)
fIN = 2.4 MHz
25°C
90
90
90
90
dBc
Full
dBc
fIN = 70 MHz
25°C
85
85
85
85
dBc
Full
dBc
fIN = 100 MHz
25°C
85
85
85
83
dBc
fIN = 170 MHz
25°C
84
83.4
83
80
dBc
TWO TONE SFDR
fIN = 30 MHz, 31 MHz (−7 dBFS )
25°C
TBD
TBD
TBD
TBD
dBc
fIN = 170 MHz, 171 MHz (−7
dBFS )
25°C
TBD
TBD
TBD
TBD
dBc
CROSSTALK
Full
95
95
95
95
dB
ANALOG INPUT BANDWIDTH
25°C
650
650
650
650
MHz
MATCHING CHARACTERISTIC
Offset Error
25°C
TBD
TBD
TBD
TBD
%FSR
Gain Error
25°C
TBD
TBD
TBD
TBD
%FSR
1 Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
2 Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure x for the equivalent analog input structure.
3 Standby power is measured with a dc input, the CLK pin inactive (set to AVDD or AGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com