Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9640/PCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9640/PCB
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640/PCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9640/PCB Datasheet HTML 6Page - Analog Devices AD9640/PCB Datasheet HTML 7Page - Analog Devices AD9640/PCB Datasheet HTML 8Page - Analog Devices AD9640/PCB Datasheet HTML 9Page - Analog Devices AD9640/PCB Datasheet HTML 10Page - Analog Devices AD9640/PCB Datasheet HTML 11Page - Analog Devices AD9640/PCB Datasheet HTML 12Page - Analog Devices AD9640/PCB Datasheet HTML 13Page - Analog Devices AD9640/PCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
AD9640
Preliminary Technical Data
Rev. PrD | Page 10 of 41
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Table 7. LFCSP Parallel CMOS Pin Configuration (Top View)
Table 8. Pin Function Descriptions (Parallel CMOS Mode)
Pin No.
Mnemonic
Type
Function
20, 64
DRGND
Gnd
Digital Output Ground
1, 21
DRVDD
Supply
Digital Output Driver Supply (1.8V to 3.3V)
24, 57
DVDD
Supply
Digital Power Supply (1.8V Nominal)
36, 45, 46
AVDD
Supply
Analog Power Supply (1.8V Nominal)
0
AGND
Gnd
Analog Ground (Pin 0 is the exposed thermal pad on the bottom of the package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com