Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9640/PCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9640/PCB
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640/PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9640/PCB Datasheet HTML 7Page - Analog Devices AD9640/PCB Datasheet HTML 8Page - Analog Devices AD9640/PCB Datasheet HTML 9Page - Analog Devices AD9640/PCB Datasheet HTML 10Page - Analog Devices AD9640/PCB Datasheet HTML 11Page - Analog Devices AD9640/PCB Datasheet HTML 12Page - Analog Devices AD9640/PCB Datasheet HTML 13Page - Analog Devices AD9640/PCB Datasheet HTML 14Page - Analog Devices AD9640/PCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Preliminary Technical Data
AD9640
Rev. PrD | Page 11 of 41
Pin No.
Mnemonic
Type
Function
ADC INPUTS
37
VIN+A
Input
Differential Analog Input Pin (+) for Channel A.
38
VIN-A
Input
Differential Analog Input Pin (−) for Channel A.
44
VIN+B
Input
Differential Analog Input Pin (+) for Channel B.
43
VIN−B
Input
Differential Analog Input Pin (−) for Channel B.
39
VREF
I/O
Voltage Reference Input/Output.
40
SENSE
Input
Voltage Reference Mode Select (See Table x for details)
42
RBIAS
Input
External Reference Bias Resistor
41
CML
Output
Common Mode Level Bias Output for Analog Inputs
49
CLK+
Input
ADC Master Clock – True (ADC Clock can be driven using single ended CMOS – See
Figure x.x for recommended connection)
50
CLK-
Input
ADC Master Clock - Complement (ADC Clock can be driven using single ended
CMOS – See Figure x.x for recommended connection)
ADC Fast Detect Outputs
29
FD0A
Output
Channel A Fast Detect Indicator (See Table x for full detials)
30
FD1A
Output
Channel A Fast Detect Indicator (See Table x for full detials)
31
FD2A
Output
Channel A Fast Detect Indicator (See Table x for full detials)
32
FD3A
Output
Channel A Fast Detect Indicator (See Table x for full detials)
53
FD0B
Output
Channel B Fast Detect Indicator (See Table x for full detials)
54
FD1B
Output
Channel B Fast Detect Indicator (See Table x for full detials)
55
FD2B
Output
Channel B Fast Detect Indicator (See Table x for full detials)
56
FD3B
Output
Channel B Fast Detect Indicator (See Table x for full detials)
Digital INPUTS
52
SYNC
Input
Digital Synchronization Pin(Slave Mode Only)
Digital OUTPUTS
12, 13, 14,
15, 16, 17,
18, 19, 22,
23, 25, 26,
27, 28
D0A-D13A
Output
Channel A CMOS output data
58, 59, 60,
61, 62, 63,
2, 3, 4, 5, 6,
7, 8, 9
D0B-D13B
Output
Channel B CMOS output data
11
DCOA
Output
Channel A Data Clock Output
10
DCOB
Output
Channel B Data Clock Output
SPI CONTROL
48
SCLK/DFS
Input
SPI Serial Clock/Data Format Select Pin in External Pin Mode
47
SDIO/DCS
I/O
SPI Serial Data I/O/Duty Cycle Stabilizer in External Pin Mode
51
CSB
Input
SPI Chip Select (Active Low)
Serial Port
33
SMI SDO/OEB
I/O
Signal monitor Serial Data Output/Output Enable Input (Active Low) in External Pin
Mode
35
SMI SDFS
Output
Signal monitor Serial Data Frame Sync
34
SMI SCLK/PDWN
I/O
Signal monitor Serial Clock Output/Power Down Input in External Pin Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com