Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7789V2 Datasheet(PDF) 101 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 101 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 319 page
background image
ST7789V2
Version 1.0
Page 101 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.8.35 18-bit data bus for 18-bit/pixel (RGB-6-6-6-bit input), 262K-colors, 3Ah=”06h”
There is 1 pixel (3 sub-pixels) per byte
-
-
-
-
G1, Bit 3
-
G1, Bit 2
-
G1, Bit 1
-
G1, Bit 0
0
8080-series control pins
RESX
CSX
D/CX
“1”
WRX
RDX
“1”
D15
D14
D13
D12
D11
D10
D9
D8
Pixel n
Pixel n+1
18 bits
18 bits
R1
G1
B1
R2
G2
B2
R3
G3
B3
Frame memory
R1, Bit 3
0
R1, Bit 2
1
R1, Bit 1
0
R1, Bit 0
1
1
0
0
-
D7
D6
D5
D4
D3
D2
D1
D0
B1, Bit 3
B1, Bit 2
B1, Bit 1
B1, Bit 0
G2, Bit 3
G2, Bit 2
G2, Bit 1
G2, Bit 0
R2, Bit 3
R2, Bit 2
R2, Bit 1
R2, Bit 0
B2, Bit 3
B2, Bit 2
B2, Bit 1
B2, Bit 0
G3, Bit 3
G3, Bit 2
G3, Bit 1
G3, Bit 0
R3, Bit 3
R3, Bit 2
R3, Bit 1
R3, Bit 0
B3, Bit 3
B3, Bit 2
B3, Bit 1
B3, Bit 0
G4, Bit 3
G4, Bit 2
G4, Bit 1
G4, Bit 0
R4, Bit 3
R4, Bit 2
R4, Bit 1
R4, Bit 0
B4, Bit 3
B4, Bit 2
B4, Bit 1
B4, Bit 0
Pixel n+2
Pixel n+3
-
-
D17
D16
R1, Bit 4
R2, Bit 4
R3, Bit 4
R4, Bit 4
G1, Bit 5
G1, Bit 4
G2, Bit 5
G2, Bit 4
G3, Bit 5
G3, Bit 4
G4, Bit 5
G4, Bit 4
B1, Bit 4
B2, Bit 4
B3, Bit 4
B4, Bit 4
R1, Bit 5
R2, Bit 5
R3, Bit 5
R4, Bit 5
B1, Bit 5
B2, Bit 5
B3, Bit 5
B4, Bit 5
Note 1: The data order is as follows, MSB=D17, LSB=D0 and picture data is MSB=Bit 5, LSB=Bit 0 for Read, Green and Blue data.
Note 2: 1-times transfer (D17o D0) is used to transmit 1 pixel data with the 18-bit color depth information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com