Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7789V2 Datasheet(PDF) 104 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 104 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 319 page
background image
ST7789V2
Version 1.0
Page 104 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.8.40 2 Data Lane Serial Interface
Different display data formats are available for three colors depth supported by the LCM listed below.
4k colors, RGB 4-4-4-bit input
65k colors, RGB 5-6-5-bit input
262k colors, RGB 6-6-6-bit input
8.8.41 Write data for 12-bit/pixel (RGB 4-4-4-bit input), 4K-Colors, 3Ah=”03h”
Note 1: Pixel data with the 12-bit color depth information
Note 2: The most significant bits are: Rx3, Gx3 and Bx3
Note 3: The least significant bits are: Rx0, Gx0 and Bx0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com