Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1408621 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1408621
Description  NBC-FSD-R4ACR SCO-PN/.../... - Network cable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408621 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1408621 Datasheet HTML 1Page - PHOENIX CONTACT 1408621 Datasheet HTML 2Page - PHOENIX CONTACT 1408621 Datasheet HTML 3Page - PHOENIX CONTACT 1408621 Datasheet HTML 4Page - PHOENIX CONTACT 1408621 Datasheet HTML 5Page - PHOENIX CONTACT 1408621 Datasheet HTML 6Page - PHOENIX CONTACT 1408621 Datasheet HTML 7Page - PHOENIX CONTACT 1408621 Datasheet HTML 8Page - PHOENIX CONTACT 1408621 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
55 dB (at 62.5 МHz)
50 dB (at 100 MHz)
Resistance to oil
Resistant to oil to a limited extent
Flame resistance
according to UL 1685 (CSA FT 4)
Other resistance
UV resistant According to UL 1581, Section 1200
-40 °C ... 70 °C (Cable, flexible installation)
Ambient temperature (operation)
-40 °C ... 70 °C (cable, fixed installation)
PROFINET drag chain CAT5 [93C]
Dimensional drawing
Shielded
yes
Cable weight
61 kg/km
Cable type
PROFINET drag chain CAT5
Short symbol
2YH(ST)C11Y
Cable type (abbreviation)
93C
PROFINET CAT5 (IEC 11801), 100 Mbps
Signal type/category
EtherCAT® CAT5 (IEC 11801), 100 Mbps
Cable structure
1x4xAWG22/7; SF/TQ
External cable diameter
6.5 mm ±0.2 mm
Outer sheath, material
PUR
External sheath, color
green RAL 6018
Thickness, outer sheath
approx. 0.9 mm
Material, inner sheath
FRNC
Conductor material
Tin-plated Cu litz wires
Conductor structure signal line
7x 0.25 mm
AWG signal line
22
Conductor cross section
4x 0.34 mm²
Material wire insulation
PE
Wire diameter incl. insulation
1.5 mm
Single wire, color
white, yellow, blue, orange
Overall twist
Star quad
Shielding
Aluminum-coated foil, tinned copper braided shield
Optical shield covering
85 %
Nominal voltage, cable
600 V (UL rating)
Test voltage Core/Core
2000 V (50 Hz, 1 min.)
Test voltage Core/Shield
2000 V (50 Hz, 1 min.)
Cable insulation resistance
≥ 500 MΩ*km
NBC-FSD-R4ACR SCO-PN/.../... - Network cable
1408621
https://www.phoenixcontact.com/us/products/1408621
Jul 11, 2023, 5:02 AM
Page 5 (22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com