Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1408621 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1408621
Description  NBC-FSD-R4ACR SCO-PN/.../... - Network cable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408621 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1408621 Datasheet HTML 1Page - PHOENIX CONTACT 1408621 Datasheet HTML 2Page - PHOENIX CONTACT 1408621 Datasheet HTML 3Page - PHOENIX CONTACT 1408621 Datasheet HTML 4Page - PHOENIX CONTACT 1408621 Datasheet HTML 5Page - PHOENIX CONTACT 1408621 Datasheet HTML 6Page - PHOENIX CONTACT 1408621 Datasheet HTML 7Page - PHOENIX CONTACT 1408621 Datasheet HTML 8Page - PHOENIX CONTACT 1408621 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Network cable, PROFINET CAT5 (100 Mbps), EtherCAT® CAT5 (100 Mbps), 4-position, Variable
cable type, shielded, Plug angled RJ45 / IP20, on Socket straight M12, coding: D SPEEDCON /
IP67, cable length: Free input (0.2 ... 40.0 m)
Commercial Data
Item number
1408621
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to Order (non-returnable)
Sales Key
BF17
Product Key
BF1CJN
Catalog Page
Page 397 (C-2-2019)
Customs tariff number
85444290
Country of origin
PL
NBC-FSD-R4ACR SCO-PN/.../... - Network cable
1408621
https://www.phoenixcontact.com/us/products/1408621
Jul 11, 2023, 5:02 AM
Page 1 (22)


Similar Part No. - 1408621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408622 PHOENIX-1408622 Datasheet
778Kb / 24P
NBC-FSD-R4AC SCO-PN/.../... - Network cable
1408623 PHOENIX-1408623 Datasheet
1Mb / 36P
NBC-FSD SCO-PN/.../... - Network cable
1408624 PHOENIX-1408624 Datasheet
595Kb / 19P
NBC-MRD-MRD SCO-PN/.../... - Network cable
1408625 PHOENIX-1408625 Datasheet
596Kb / 19P
NBC-MSD-MRD SCO-PN/.../... - Network cable
1408626 PHOENIX-1408626 Datasheet
642Kb / 21P
NBC-MRD-R4QC SCO-PN/.../... - Network cable
More results

Similar Description - 1408621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408612 PHOENIX-1408612 Datasheet
538Kb / 19P
Network cable - NBC-FRD-R4ACR SCO-PN
1408622 PHOENIX-1408622 Datasheet
778Kb / 24P
NBC-FSD-R4AC SCO-PN/.../... - Network cable
1408616 PHOENIX-1408616 Datasheet
650Kb / 22P
NBC-MRD-FSD SCO-PN/.../... - Network cable
1408618 PHOENIX-1408618 Datasheet
722Kb / 22P
NBC-FSD-R4QC SCO-PN/.../... - Network cable
1408631 PHOENIX-1408631 Datasheet
644Kb / 20P
NBC-MRD-R4ACR SCO-PN/.../... - Network cable
1408696 PHOENIX-1408696 Datasheet
591Kb / 16P
NBC-FSD-R4AC SCO/.../... - Network cable
1408623 PHOENIX-1408623 Datasheet
1Mb / 36P
NBC-FSD SCO-PN/.../... - Network cable
1408694 PHOENIX-1408694 Datasheet
614Kb / 17P
NBC-FSD-R4RC SCO/.../... - Network cable
1408697 PHOENIX-1408697 Datasheet
948Kb / 28P
NBC-FSD SCO/.../... - Network cable
1408638 PHOENIX-1408638 Datasheet
575Kb / 21P
NBC-MSD-R4ACR SCO-PN/.../... - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com