Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1408621 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 1408621
Description  NBC-FSD-R4ACR SCO-PN/.../... - Network cable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408621 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 1408621 Datasheet HTML 3Page - PHOENIX CONTACT 1408621 Datasheet HTML 4Page - PHOENIX CONTACT 1408621 Datasheet HTML 5Page - PHOENIX CONTACT 1408621 Datasheet HTML 6Page - PHOENIX CONTACT 1408621 Datasheet HTML 7Page - PHOENIX CONTACT 1408621 Datasheet HTML 8Page - PHOENIX CONTACT 1408621 Datasheet HTML 9Page - PHOENIX CONTACT 1408621 Datasheet HTML 10Page - PHOENIX CONTACT 1408621 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Dimensional drawing
Shielded
yes
UL AWM Style
20233 (80°C/300 V)
Cable weight
55 kg/km
Cable type
PROFINET robot CAT5
Short symbol
02YSC11Y
Cable type (abbreviation)
93R
PROFINET CAT5 (IEC 11801), 100 Mbps
Signal type/category
EtherCAT® CAT5 (IEC 11801), 100 Mbps
Cable structure
1x4xAWG22/19; S/TQ
External cable diameter
6.5 mm ±0.2 mm
Outer sheath, material
PUR
External sheath, color
green RAL 6018
Thickness, outer sheath
approx. 1 mm
Conductor material
Tin-plated Cu litz wires
Conductor structure signal line
19x 0.15 mm
AWG signal line
22
Conductor cross section
4x 0.34 mm²
Material wire insulation
Foamed PE
Wire diameter incl. insulation
1.5 mm
Single wire, color
white, yellow, blue, orange
Overall twist
Star quad
Shielding
Tinned copper braided shield
Optical shield covering
85 %
Nominal voltage, cable
300 V
Test voltage Core/Core
2000 V (50 Hz, 1 min.)
Test voltage Core/Shield
2000 V (50 Hz, 1 min.)
Cable insulation resistance
≥ 500 MΩ*km
Wave impedance
100 Ω ±5 Ω (at 100 MHz)
Loop resistance
≤ 120.00 Ω/km
Signal runtime
4.8 ns/m
Minimum bending radius, fixed installation
5 x D
Torsion force
± 180 °/m
Torsion cycles
1000000
2.9 dB (with 1 MHz)
5 dB (at 4 МHz)
8.1 dB (at 10 MHz)
Damping
NBC-FSD-R4ACR SCO-PN/.../... - Network cable
1408621
https://www.phoenixcontact.com/us/products/1408621
Jul 11, 2023, 5:02 AM
Page 7 (22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com