Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1408621 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1408621
Description  NBC-FSD-R4ACR SCO-PN/.../... - Network cable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408621 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1408621 Datasheet HTML 1Page - PHOENIX CONTACT 1408621 Datasheet HTML 2Page - PHOENIX CONTACT 1408621 Datasheet HTML 3Page - PHOENIX CONTACT 1408621 Datasheet HTML 4Page - PHOENIX CONTACT 1408621 Datasheet HTML 5Page - PHOENIX CONTACT 1408621 Datasheet HTML 6Page - PHOENIX CONTACT 1408621 Datasheet HTML 7Page - PHOENIX CONTACT 1408621 Datasheet HTML 8Page - PHOENIX CONTACT 1408621 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Technical Data
Notes
General
This product corresponds to the PROFINET Cabling and
Interconnection Technology Guideline for PROFINET
regulations, version 2.00, order no: 2.252, Chapter 8.2
Connectors for Outside Environment (Balanced cabling)
General
Further products with fixed cable length can be found in the
accessories section
Product properties
Product type
Data cable preassembled
Sensor type
PROFINET
Number of positions
4
Standard
Application
Robots and drag chains
Shielded
yes
Coding
D
Interfaces
Bus system
PROFINET
PROFINET CAT5 (IEC 11801), 100 Mbps
Signal type/category
EtherCAT® CAT5 (IEC 11801), 100 Mbps
Signaling
Status display
No
Status display present
No
Electrical properties
48 V AC
Nominal voltage UN
60 V DC
Nominal current IN
1 A
Transmission medium
Copper
Transmission characteristics (category)
CAT5 (IEC 11801:2002)
Material specifications
Color Handle area
gray / black
Seal material
NBR
Connector
Connection 1
Type
Plug angled RJ45 / IP20
Number of positions
4 (8)
Handle color
black
CuSn (Contact)
NBC-FSD-R4ACR SCO-PN/.../... - Network cable
1408621
https://www.phoenixcontact.com/us/products/1408621
Jul 11, 2023, 5:02 AM
Page 2 (22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com