Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1408621 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 1408621
Description  NBC-FSD-R4ACR SCO-PN/.../... - Network cable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408621 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 1408621 Datasheet HTML 4Page - PHOENIX CONTACT 1408621 Datasheet HTML 5Page - PHOENIX CONTACT 1408621 Datasheet HTML 6Page - PHOENIX CONTACT 1408621 Datasheet HTML 7Page - PHOENIX CONTACT 1408621 Datasheet HTML 8Page - PHOENIX CONTACT 1408621 Datasheet HTML 9Page - PHOENIX CONTACT 1408621 Datasheet HTML 10Page - PHOENIX CONTACT 1408621 Datasheet HTML 11Page - PHOENIX CONTACT 1408621 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
10.4 dB (at 16 MHz)
11.9 dB (at 20 МHz)
15.5 dB (at 31.25 МHz)
26.5 dB (at 62.5 МHz)
41 dB (at 100 MHz)
Halogen-free
according to IEC 60754-1
Resistance to oil
in accordance with DIN EN 60811-2-1
Flame resistance
according to IEC 60332-1-2
Other resistance
UV resistant According to UL 1581, Section 1200
-40 °C ... 80 °C
Ambient temperature (operation)
-40 °C ... 80 °C
PROFINET RADOX® railway application CAT5 [937]
Dimensional drawing
Shielded
yes
Cable weight
70 kg/km
Cable type
PROFINET RADOX® railway application CAT5
Cable type (abbreviation)
937
PROFINET CAT5 (IEC 11801), 100 Mbps
Signal type/category
EtherCAT® CAT5 (IEC 11801), 100 Mbps
Cable structure
1x4xAWG22/7; SF/TQ
External cable diameter
6.6 mm ±0.4 mm
Outer sheath, material
PE-X
External sheath, color
black RAL 9005
Thickness, outer sheath
approx. 1 mm
Conductor material
silver-plated Cu litz wires
Conductor structure signal line
7x 0.25 mm
AWG signal line
22
Conductor cross section
4x 0.34 mm²
Material wire insulation
Foamed PE
Wire diameter incl. insulation
approx. 1.5 mm
Single wire, color
white-blue, orange-yellow
Overall twist
Star quad
Shielding
Plastic-coated aluminum foil, tinned copper braided shield
Nominal voltage, cable
300 V AC
Test voltage, cable
2000 V AC (50 Hz, 5 minutes)
Cable resistance
≤ 54.4 Ω/km
NBC-FSD-R4ACR SCO-PN/.../... - Network cable
1408621
https://www.phoenixcontact.com/us/products/1408621
Jul 11, 2023, 5:02 AM
Page 8 (22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com