Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1408621 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 1408621
Description  NBC-FSD-R4ACR SCO-PN/.../... - Network cable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408621 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 1408621 Datasheet HTML 6Page - PHOENIX CONTACT 1408621 Datasheet HTML 7Page - PHOENIX CONTACT 1408621 Datasheet HTML 8Page - PHOENIX CONTACT 1408621 Datasheet HTML 9Page - PHOENIX CONTACT 1408621 Datasheet HTML 10Page - PHOENIX CONTACT 1408621 Datasheet HTML 11Page - PHOENIX CONTACT 1408621 Datasheet HTML 12Page - PHOENIX CONTACT 1408621 Datasheet HTML 13Page - PHOENIX CONTACT 1408621 Datasheet HTML 14Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
EN 50305, 9.2
Fume corrosiveness
EN 50267-2-2
EN 60332-1-2
EN 50266
EN 60332-3-25
NF C32-070, 2.1
NF C32-070, 2.2
UL 1685, 12 (FT4)
Flame resistance
in accordance with ISO 6722-1 5.22 (UN ECE-R 118.01)
Other resistance
Resistance to fuels according to IRM 903, 168 h at 70 °C
-40 °C ... 90 °C (Cable, flexible installation)
Ambient temperature (operation)
-50 °C ... 90 °C (cable, fixed installation)
PROFINET stranded CAT5 [93M]
Dimensional drawing
Shielded
yes
UL AWM Style
20236 (80°C/30 V)
Cable weight
65 kg/km
Cable type
PROFINET stranded CAT5
Cable type (abbreviation)
93M
PROFINET CAT5 (IEC 11801), 100 Mbps
Signal type/category
EtherCAT® CAT5 (IEC 11801), 100 Mbps
Cable structure
1x4xAWG22/7; SF/TQ
External cable diameter
6.5 mm ±0.2 mm
Outer sheath, material
PUR
External sheath, color
green RAL 6018
Thickness, outer sheath
approx. 0.9 mm
Material, inner sheath
PVC
Conductor material
Tin-plated Cu litz wires
Conductor structure signal line
7x 0.25 mm
AWG signal line
22
Conductor cross section
4x 0.34 mm²
Material wire insulation
PE
Wire diameter incl. insulation
approx. 1.5 mm
Single wire, color
white, yellow, blue, orange
Overall twist
Star quad
Shielding
Aluminum-coated foil, tinned copper braided shield
NBC-FSD-R4ACR SCO-PN/.../... - Network cable
1408621
https://www.phoenixcontact.com/us/products/1408621
Jul 11, 2023, 5:02 AM
Page 10 (22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com