Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1408621 Datasheet(PDF) 18 Page - PHOENIX CONTACT

Part # 1408621
Description  NBC-FSD-R4ACR SCO-PN/.../... - Network cable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408621 Datasheet(HTML) 18 Page - PHOENIX CONTACT

Back Button 1408621 Datasheet HTML 14Page - PHOENIX CONTACT 1408621 Datasheet HTML 15Page - PHOENIX CONTACT 1408621 Datasheet HTML 16Page - PHOENIX CONTACT 1408621 Datasheet HTML 17Page - PHOENIX CONTACT 1408621 Datasheet HTML 18Page - PHOENIX CONTACT 1408621 Datasheet HTML 19Page - PHOENIX CONTACT 1408621 Datasheet HTML 20Page - PHOENIX CONTACT 1408621 Datasheet HTML 21Page - PHOENIX CONTACT 1408621 Datasheet HTML 22Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Accessories
NBC-M12FSD/ 1,0-93B/R4ACR - Network cable
1407536
https://www.phoenixcontact.com/us/products/1407536
Network cable, PROFINET CAT5 (100 Mbps), EtherCAT® CAT5 (100 Mbps), 4-
position, shielded (Advanced Shielding Technology), Plug angled RJ45 / IP20,
on Socket straight M12, coding: D / IP67, cable length: 1 m
NBC-M12FSD/ 2,0-93B/R4ACR - Network cable
1407537
https://www.phoenixcontact.com/us/products/1407537
Network cable, PROFINET CAT5 (100 Mbps), EtherCAT® CAT5 (100 Mbps), 4-
position, shielded (Advanced Shielding Technology), Plug angled RJ45 / IP20,
on Socket straight M12, coding: D / IP67, cable length: 2 m
NBC-FSD-R4ACR SCO-PN/.../... - Network cable
1408621
https://www.phoenixcontact.com/us/products/1408621
Jul 11, 2023, 5:02 AM
Page 18 (22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com