Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5501
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 4Page - Cirrus Logic CS5501 Datasheet HTML 5Page - Cirrus Logic CS5501 Datasheet HTML 6Page - Cirrus Logic CS5501 Datasheet HTML 7Page - Cirrus Logic CS5501 Datasheet HTML 8Page - Cirrus Logic CS5501 Datasheet HTML 9Page - Cirrus Logic CS5501 Datasheet HTML 10Page - Cirrus Logic CS5501 Datasheet HTML 11Page - Cirrus Logic CS5501 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
SWITCHING CHARACTERISTICS (continued) (TA = Tmin to Tmax; VA+, VD+ = 5V ± 10%;
VA-, VD- = -5V
± 10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF)
Parameter
Symbol
Min
Typ
Max
Units
SSC Mode (Mode = VD+)
Access Time
CS Low to SDATA Out
tcsd1
3/CLKIN
-
-
ns
SDATA Delay Time
SCLK Falling to New SDATA bit
tdd1
-
25
100
ns
SCLK Delay Time
SDATA MSB bit to SCLK Rising
(at 4.096 MHz)
tcd1
250
380
-
ns
Serial Clock
Pulse Width High (at 4.096 MHz)
(Out)
Pulse Width Low
tph1
tpl1
-
-
240
730
300
790
ns
Output Float Delay
SCLK Rising to Hi-Z
tfd2
-
1/CLKIN
+ 100
1/CLKIN
+ 200
ns
Output Float Delay
CS High to Output Hi-Z (Note 18)
tfd1
--
4/CLKIN
+200
ns
SEC Mode (Mode = DGND)
Serial Clock (In)
fsclk
dc
-
4.2
MHz
Serial Clock (In)
Pulse Width High
Pulse Width Low
tph2
tpl2
50
180
-
-
-
-
ns
Access Time
CS Low to Data Valid
(Note 19)
tcsd2
-
80
160
ns
Maximum Data Delay Time
(Note 20)
SCLK Falling to New SDATA bit
tdd2
-
75
150
ns
Output Float Delay
CS High to Output Hi-Z
tfd3
-
-
250
ns
Output Float Delay
SCLK Falling to Output Hi-Z
tfd4
-
100
200
ns
Notes: 18. If CS is returned high before all data bits are output, the SDATA and SCLK outputs will complete
the current data bit and then go to high impedance.
19. If CS is activated asynchronously to DRDY, CS will not be recognized if it occurs when DRDY is high
for 4 clock cycles. The propagation delay time may be as great as 4 CLKIN cycles plus 160 ns.
To guarantee proper clocking of SDATA when using asychronous CS, SCLK(i) should not be taken
high sooner than 4 CLKIN cycles plus 160ns after CS goes low.
20. SDATA transitions on the falling edge of SCLK(i).
SDATA
CS
fd1
t
Output Float Delay
SSC Mode (Note 19)
sls
t
CLKIN
SLEEP
Sleep Mode Timing for
Synchronization
VALID
CAL
SC1, SC2
scs
t
sch
t
Calibration Control Timing
CS5501/CS5503
8
DS31F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com