Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS5501
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 35Page - Cirrus Logic CS5501 Datasheet HTML 36Page - Cirrus Logic CS5501 Datasheet HTML 37Page - Cirrus Logic CS5501 Datasheet HTML 38Page - Cirrus Logic CS5501 Datasheet HTML 39Page - Cirrus Logic CS5501 Datasheet HTML 40Page - Cirrus Logic CS5501 Datasheet HTML 41Page - Cirrus Logic CS5501 Datasheet HTML 42Page - Cirrus Logic CS5501 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
Notes:
1. CS5501 in Asynchronous (UART-like) mode.
2. TMS70X2 in Isosynchronous mode.
3. TMS70X2 with 8 MHz master clock has max
baud =1.0 Mbps.
Assumptions:
1. A0 used as CS.
2. Receive data via polling.
3. Word received put in A and B upon return, A = MS byte.
4. No error checking done.
5. Normal equates for peripheral registers.
Initial Code:
SPINIT: DINT
;
MOVP %1,ADDR
; A port is output
MOVP %1,APORT
; A0 = 1, (CS is inactive)
MOVP %0,P17
;
MOVP %>10,SCTLO ; Resets port errors
MOVP %?x1x01101,SMODE ; Set port for Isosync,
MOVP %?00x1110x,SCTLO ;
8 bits, no parity
MOVP %07,T3DATA ; Max baud rate
MOVP %?01000000,SCTL1 ; No multiprocessor;
;
prescale = 4
MOVP %0,IOCNT1
; Disable INT4 - will poll port
PUSH A
; Store original
MOVP RXBUF,A
; Bogus read to clr receiver port flag
POP
A
; Restore original
EINT
;
RET
;
Code to get word of data:
SP_IN:
MOVP %0,APORT
; CS active, select CS5501
WAIT1
BTJZP %2,SSTAT,WAIT1
; Wait to receive first byte
MOVP RXBUF,A
; Put most significant byte in reg. A
WAIT2
BTJZP %2,SSTAT,WAIT2
; Wait to receive second byte
MOVP RXBUF,B
; Put least significant byte in reg. B
MOVP %1,APORT
; CS inactive, deselect CS5501
RET
;
Figure A8. TMS70X2/CS5501 Serial Interface
CS5501
RXD
MODE
TMS70X2
(TMS70CX2)
-5V
A0
SCLK
SDATA
CS
SCLK
CS5501/CS5503
DS31F2
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com