Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5501
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 14Page - Cirrus Logic CS5501 Datasheet HTML 15Page - Cirrus Logic CS5501 Datasheet HTML 16Page - Cirrus Logic CS5501 Datasheet HTML 17Page - Cirrus Logic CS5501 Datasheet HTML 18Page - Cirrus Logic CS5501 Datasheet HTML 19Page - Cirrus Logic CS5501 Datasheet HTML 20Page - Cirrus Logic CS5501 Datasheet HTML 21Page - Cirrus Logic CS5501 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
represents the gain slope for the input to output
transfer function of the converter. In unipolar
mode the calibration microcontroller determines
the slope factor by dividing the span between the
zero point and the full scale point by the total
resolution of the converter (2
16 for the CS5501,
resulting in 65,536 segments or 2
20 for the
CS5503, resulting in 1,048,578 segments). In bi-
polar mode the calibration microcontroller divides
the span between the zero point and the full scale
point into 524,288 segments for the CS5503 and
32,768 segments for the CS5501. It then extends
the measurement range 524,288 segments for the
CS5503, 32,768 segments for the CS5501, below
the zero scale point to achieve bipolar measure-
ment capability. In either unipolar or bipolar
modes the calculated slope factor is saved and
later used to calculate the binary output code
when an analog signal is present at the AIN pin
during measurement conversions.
System calibration allows the A/D converter to
compensate for system gain and offset errors (see
Figure 9). System calibration performs the same
slope factor calculations as self cal but uses volt-
age values presented by the system to the AIN pin
for the zero scale point and for the full scale
point.
Table 2 depicts the calibration modes
available.
Two system calibration modes are
listed. The first mode offers system level calibra-
tion for system offset and for system gain. This is
a two step calibration. The zero scale point (sys-
tem offset) must be presented to the converter
first. The voltage that represents zero scale point
must be input to the converter before the calibra-
tion step is initiated and must remain stable until
the step is complete. The DRDY output from the
converter will signal when the step is complete by
going low. After the zero scale point is calibrated,
the voltage representing the full scale point is in-
put to the converter and the second calibration
step is initiated. Again the voltage must remain
stable throughout the calibration step.
This two step calibration mode offers another cali-
bration feature.
After a two step calibration
Sequence
FS Cal
ZS Cal
SC2
SC1
CAL
Cal Type
Calibration Time
One Step
VREF
AGND
0
0
Self-Cal
3,145,655/f
1st Step
-
AIN
1
1
1,052,599/f
2nd Step
AIN
-
1
0
1,068,813/f
One Step
VREF
AIN
0
1
System Offset
2,117,389/f
System Offset
& System Gain
clk
clk
clk
clk
* DRDY remains high throughout the calibration sequence. In Self-Cal mode (SC1 and SC2 low) DRDY
falls once the CS5501 or CS5503 has settled to the analog input. In all other modes DRDY falls
immediately after the calibration term has been determined.
Table 2. Calibration Control
VREF sys
Transducer
Analog
MUX
µC
CLK
DATA
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
CAL SC1 SC2
SDATA
SCLK
CS5501
CS5503
A0 A1
Signal
Conditioning
Circuitry
Figure 9. System Calibration
CS5501/CS5503
18
DS31F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com