Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS5501
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 34Page - Cirrus Logic CS5501 Datasheet HTML 35Page - Cirrus Logic CS5501 Datasheet HTML 36Page - Cirrus Logic CS5501 Datasheet HTML 37Page - Cirrus Logic CS5501 Datasheet HTML 38Page - Cirrus Logic CS5501 Datasheet HTML 39Page - Cirrus Logic CS5501 Datasheet HTML 40Page - Cirrus Logic CS5501 Datasheet HTML 41Page - Cirrus Logic CS5501 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
Notes:
1. CS5501 in Synchronous External Clocking mode.
2. Interrupt driven I/O on 8051 (For polling, connect
DRDY to another port pin).
Assumptions:
1. INT1 external interrupt used.
2. Register bank 1, R6, R7 used to store data word,
R7 MSbyte.
3. EA enabled elsewhere.
Initial Code:
CS
EQU
P1.1
SCLK
EQU
P1.2
DATA
EQU
P1.3
SPINIT: CLR
EX1
; Disable INT1
SETB IT1
; Set INT1 for falling edge triggered
SETB DATA
; Set DATA to be input pin
SETB CS
; CS = 1; deselect CS5501
CLR
SCLK
; SCLK low
SETB EX1
; Enable INT1 interrupt
Code to get word of data:
ORG 0003H
LJMP
GETWD
; Interrupt vector
GETWD: PUSH PSW
; Save temp. copy
PUSH A
; Save temp. copy
MOV
PSW,#08
; Set register bank 1 active
MOV
R6,#8
; number of bits in a byte
CLR
CS
; CS = 0; select CS5501
MSBYTE:SETB SCLK
; Toggle SCLK high
MOV
C,DATA
; Put bit of data into carry bit
CLR
SCLK
; Toggle SCLK low; next data bit
RLC
A
; Shift DATA bit into A register
DJNZ
R6,MSBYTE ; Dec. R6, if not 0, get another bit
MOV
R7,A
; Put MSbyte into R7
MOV
R6,#8
; Reset R6 to number of bits in byte
LSBYTE: SETB SCLK
; Toggle SCLK high
MOV
C,DATA
; Put bit of data into carry bit
CLR
SCLK
; Toggle SCLK low; next data bit
RLC
A
; Shift DATA bit into A register
DJNZ
R6,LSBYTE
; Dec. R6, if not 0, get another bit
MOV
R6,A
; Put LSbyte into R6
SETB CS
; CS = 1; deselect CS5501
POP
A
; Restore original value
POP
PSW
; Restore original value
RETI
Figure A6. MCS51 (8051) /CS5501 Serial Interface
CS5501
MODE
8051
P1.1
P1.3
P1.2
INT1
CS
SDATA
SCLK
DRDY
Notes:
1. CS5501 in Asynchronous (UART-like) mode.
2. 8051 in mode 2, with OSC = 12 MHz,
max baud = 375 kbps.
Assumptions:
1. P1.2 (port 1, bit 2) used as CS.
2. Using serial port mode 2, Baud rate = OSC/32.
(Assumptions cont.)
3. Word received put in A (ACC) and B registers,
A = MSbyte.
4. No error checking done.
5. Equates used for peripheral names.
Initial Code:
SPINIT: SETB SMOD
; Set SMOD = 1, baud = OSC/32
SETB P1.2
; CS = 1, inactive
MOV
SCON,#1001000B
; Enable serial port mode 2,
; receiver enabled, transmitter disabled
CLR
ES
; Disable serial port interrupts (polling)
RET
;
Code to get word of data:
SP_IN:
CLR
P1.2
; CS = 0, active; select CS5501
JNB
RI,$
; Wait for first byte
CLR
RI
;
MOV
A,SBUF
; Put most significant byte in A
JNB
RI,$
; wait for second byte
CLR
RI
;
MOV
B,SBUF
; Put least significant byte in B
SETB P1.2
; CS = 1, inactive; deselect CS5501
RET
;
Figure A7. MCS51 (8051) /CS5501 UART Interface
CS5501
RXD
MODE
8051
-5V
OSC
32
P1.2
SDATA
SCLK
CS
CS5501/CS5503
38
DS31F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com