Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5501
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5501 Datasheet HTML 1Page - Cirrus Logic CS5501 Datasheet HTML 2Page - Cirrus Logic CS5501 Datasheet HTML 3Page - Cirrus Logic CS5501 Datasheet HTML 4Page - Cirrus Logic CS5501 Datasheet HTML 5Page - Cirrus Logic CS5501 Datasheet HTML 6Page - Cirrus Logic CS5501 Datasheet HTML 7Page - Cirrus Logic CS5501 Datasheet HTML 8Page - Cirrus Logic CS5501 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
1
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS5501
CS5503
Low-Cost, 16 & 20-Bit Measurement A/D Converter
Features
l Monolithic CMOS ADC with Filtering
- 6-Pole, Low-Pass Gaussian Filter
l Up to 4 kHz Output Word Rates
- On Chip Self-Calibration Circuitry
- Linearity Error: ±0.0003%
- Differential Nonlinearity:
CS5501: 16-Bit No Missing Codes
(DNL ±1/8 LSB)
CS5503: 20-Bit No Missing Codes
l System Calibration Capability
l Flexible Serial Communications Port
- µC-Compatible Formats
- 3-State Data and Clock Outputs
- UART Format (CS5501 only)
l Pin-Selectable Unipolar/Bipolar Ranges
l Low Power Consumption: 25 mW
- 10 µW Sleep Mode for Portable Applications
l Evaluation Boards Available
Description
The CS5501 and CS5503 are low-cost CMOS A/D con-
verters ideal for measuring low-frequency signals
representing physical, chemical, and biological process-
es. They utilize charge-balance techniques to achieve
16-bit (CS5501) and 20-bit (CS5503) performance with
up to 4 kHz word rates at very low cost.
The converters continuously sample at a rate set by the
user in the form of either a CMOS clock or a crystal. On-
chip digital filtering processes the data and updates the
output register at up to a 4 kHz rate. The converters’ low-
pass, 6-pole Gaussian response filter is designed to al-
low corner frequency settings from 0.1 Hz to 10 Hz in the
CS5501 and 0.5 Hz to 10 Hz in the CS5503. Thus, each
converter rejects 50 Hz and 60 Hz line frequencies as
well as any noise at spurious frequencies.
The CS5501 and CS5503 include on-chip self-calibra-
tion circuitry which can be initiated at any time or
temperature to insure offset and full-scale errors of typi-
cally less than 1/2 LSB for the CS5501 and less than
4 LSB for the CS5503. The devices can also be applied
in system calibration schemes to null offset and gain er-
rors in the input channel.
Each device’s serial port offers two general purpose
modes of operation for direct interface to shift registers
or synchronous serial ports of industry-standard micro-
controllers. In addition, the CS5501’s serial port offers a
third,
UART-compatible
mode
of
asynchronous
communication.
ORDERING INFORMATION
See page 33.
I
Calibration
CAL
AIN
AGND
DGND
BP/UPSLEEP
SRAM
SC1
SC2
Calibration
Microcontroller
Analog
Modulator
6-Pole Gaussian
Low-Pass Digital Filter
Charge-Balanced A/D Converter
Clock Generator Serial Interface Logic
VA+
VA-
VD+
VD-
SDATA
CLKOUTCLKIN
DRDY CS MODESCLK
VREF
10
9
8
5
12
11
4
13
14
7
15
6
20
2
3
18
16
1
19
MAR ‘95
DS31F2


Similar Part No. - CS5501

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5501 CIRRUS-CS5501 Datasheet
702Kb / 54P
Non-aliasing, 16- & 20-bit A/D Converters
CS5501-BP CIRRUS-CS5501-BP Datasheet
702Kb / 54P
Non-aliasing, 16- & 20-bit A/D Converters
CS5501-BS CIRRUS-CS5501-BS Datasheet
702Kb / 54P
Non-aliasing, 16- & 20-bit A/D Converters
CS5501-BSZ CIRRUS-CS5501-BSZ Datasheet
702Kb / 54P
Non-aliasing, 16- & 20-bit A/D Converters
More results

Similar Description - CS5501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD561 AD-AD561 Datasheet
210Kb / 8P
Low Cost 10-Bit Monolithic D/A Converter
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
logo
Microchip Technology
TC3401 MICROCHIP-TC3401 Datasheet
458Kb / 16P
16-Bit Low Cost, Low Power Sigma-Delta A/D Converter
2002
TC3405 MICROCHIP-TC3405 Datasheet
453Kb / 16P
16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
2002
logo
List of Unclassifed Man...
ZN429E8 ETC-ZN429E8 Datasheet
195Kb / 7P
LOW COST 8-BIT D-A CONVERTER
logo
Maxwell Technologies
5102ALP MAXWELL-5102ALP Datasheet
248Kb / 14P
16-Bit, 20 KHz A/D Converter
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V_01 Datasheet
92Kb / 8P
12-Bit, Low Cost, Monolithic D/A Converter
March 2001
logo
Analog Devices
AD561SD-883B AD-AD561SD-883B Datasheet
524Kb / 6P
Low Cost 10-Bit Monolithic D/A Converter
REV. G
AD6012 AD-AD6012_15 Datasheet
2Mb / 6P
LOW COST MONOLITHIC 12 BIT D/A CONVERTER
AD561 AD-AD561_15 Datasheet
213Kb / 8P
Low Cost 10-Bit Monolithic D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com