Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS5501
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 29Page - Cirrus Logic CS5501 Datasheet HTML 30Page - Cirrus Logic CS5501 Datasheet HTML 31Page - Cirrus Logic CS5501 Datasheet HTML 32Page - Cirrus Logic CS5501 Datasheet HTML 33Page - Cirrus Logic CS5501 Datasheet HTML 34Page - Cirrus Logic CS5501 Datasheet HTML 35Page - Cirrus Logic CS5501 Datasheet HTML 36Page - Cirrus Logic CS5501 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
Ordering Guide
Model Number
No. of Bits
Linearity Error (Max)
Temperature Range
Package
CS5501-AS
16
0.003%
-40 to +85
°C
20 Lead SOIC
CS5501-BS
16
0.0015%
-40 to +85
°C
20 Lead SOIC
CS5501-AP
16
0.003%
-40 to +85
°C
20 Pin Plastic DIP
CS5501-BP
16
0.0015%
-40 to +85
°C
20 Pin Plastic DIP
CS5501-CP
16
0.0012%
-40 to +85
°C
20 Pin Plastic DIP
CS5501-SD
16
0.003%
-55 to +125
°C
20 Pin Cerdip
CS5501-TD
16
0.0015%
-55 to +125
°C
20 Pin Cerdip
CS5503-AS
20
0.003%
-40 to +85
°C
20 Lead SOIC
CS5503-BS
20
0.0015%
-40 to +85
°C
20 Lead SOIC
CS5503-AP
20
0.003%
-40 to +85
°C
20 Pin Plastic DIP
CS5503-BP
20
0.0015%
-40 to +85
°C
20 Pin Plastic DIP
CS5503-CP
20
0.0012%
-40 to +85
°C
20 Pin Plastic DIP
CS5503-SD
20
0.003%
-55 to +125
°C
20 Pin Cerdip
CS5503-TD
20
0.0015%
-55 to +125
°C
20 Pin Cerdip
CS5501/CS5503
DS31F2
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com