Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5501
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 10Page - Cirrus Logic CS5501 Datasheet HTML 11Page - Cirrus Logic CS5501 Datasheet HTML 12Page - Cirrus Logic CS5501 Datasheet HTML 13Page - Cirrus Logic CS5501 Datasheet HTML 14Page - Cirrus Logic CS5501 Datasheet HTML 15Page - Cirrus Logic CS5501 Datasheet HTML 16Page - Cirrus Logic CS5501 Datasheet HTML 17Page - Cirrus Logic CS5501 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
The eighth output window time overlaps the time
in which the serial output port is to be updated. If
the CS is recognized as being low when it is
polled for the eighth window time, data will be
output as normal, but the serial port will not be
updated with new data until the next serial port
update time. Under these conditions, the serial
port will experience an update rate of only 2 kHz
(CLKIN = 4.096 MHz) instead of the normal
4 kHz serial port update rate.
Upon completion of transmission of all the data
bits, the SCLK and SDATA outputs will go to a
high impedance state even with CS held low. In
the event that CS is taken high before all data bits
are output, the SDATA and SCLK outputs will
Analog Time 1
Digital Time1
64/CLKIN
=1024/CLKIN
76/CLKIN
SCLK (o)
SDATA (o)
Hi-Z
Hi-Z
Analog Time 0
Digital Time 0
(MSB)
(LSB)
64/CLKIN
Hi-Z
Hi-Z
Note 1
CS Polled
DRDY (o)
CS (i)
Internal
Status
CS5501
CS5501
SCLK (o)
SDATA (o)
Hi-Z
Hi-Z
(MSB)
(LSB)
Hi-Z
Hi-Z
CS5503
CS5503
fout
Note: 1. There are 16 analog and digital settling periods per filter cycle (4 are shown). Data can be output in the
SSC mode in only 1 of the 8 digital time periods in each filter cycle.
Figure 4. Internal Timing
Hi-Z
B0
B1
Hi-Z
Hi-Z
Hi-Z
SCLK (o)
SDATA (o)
DRDY (o)
CS (i)
CLKIN (i)
(MSB)
(LSB)
76 CLKIN cycles
B15*
B19**
B14*
B18**
CS5501
CS5503
*
**
Figure 5. Synchronous Self-Clocking (SSC) Mode Timing
CS5501/CS5503
14
DS31F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com