Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3186 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3186
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3186 Datasheet HTML 7Page - Analog Devices ADP3186 Datasheet HTML 8Page - Analog Devices ADP3186 Datasheet HTML 9Page - Analog Devices ADP3186 Datasheet HTML 10Page - Analog Devices ADP3186 Datasheet HTML 11Page - Analog Devices ADP3186 Datasheet HTML 12Page - Analog Devices ADP3186 Datasheet HTML 13Page - Analog Devices ADP3186 Datasheet HTML 14Page - Analog Devices ADP3186 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADP3186
Rev. A | Page 11 of 24
CH1 = CSREF
CH2 = DELAY
CH3 = COMP
CH4 = PGD
Figure 8. Typical Start-Up Waveforms—Channel 1: PWRGD,
Channel 2: CSREF, Channel 3: DELAY, Channel 4: COMP
CURRENT LIMIT, SHORT-CIRCUIT, AND LATCH-
OFF PROTECTION
The ADP3186 compares a programmable current-limit setpoint
to the voltage from the output of the current sense amplifier.
The level of current limit is set with the resistor from the ILIMIT
pin to ground. During normal operation, the voltage on ILIMIT
is 3 V. The current through the external resistor is internally
scaled to give a current limit threshold of 10.4 mV/μA. If the
difference in voltage between CSREF and CSCOMP rises above
the current limit threshold, the internal current limit amplifier
controls the internal COMP voltage to maintain the average
output current at the limit.
After the limit is reached, the 3 V pull-up on the DELAY pin is
disconnected and the external delay capacitor is discharged
through the external resistor. A comparator monitors the DELAY
voltage and shuts off the controller when the voltage drops below
1.8 V. The current limit latch-off delay time is, therefore, set by the
RC time constant discharging from 3 V to 1.8 V. The Application
Information section discusses the selection of CDLY and RDLY.
Because the controller continues to cycle the phases during the
latch-off delay time, if the short is removed before the 1.8 V
threshold is reached, the controller returns to normal operation.
The recovery characteristic depends on the state of PWRGD. If
the output voltage is within the PWRGD window, the controller
resumes normal operation. However, if short circuit has caused
the output voltage to drop below the PWRGD threshold, a soft
start cycle is initiated.
The latch-off function can be reset by either removing and
reapplying VCC to the ADP3186, or by pulling the EN pin low
for a short time. To disable the short circuit latch-off function,
the external resistor to ground should be left open, and a high-
value (>1 MΩ) resistor should be connected from DELAY to
VCC. This prevents the DELAY capacitor from discharging, so
the 1.8 V threshold is never reached.
The resistor has an impact on the soft start time, because the
current through it adds to the internal 20 μA current source.
During startup when the output voltage is below 200 mV, a
secondary current limit is active. This is necessary, because the
voltage swing of CSCOMP cannot go below ground. This
secondary current limit controls the internal COMP voltage to
the PWM comparators to 2 V. This limits the voltage drop
across the low-side MOSFETs through the current balance
circuitry.
An inherent per phase current limit protects individual phases,
if one or more phases stops functioning because of a faulty
component. This limit is based on the maximum normal mode
COMP voltage.
Figure 9. Overcurrent Latch-Off Waveforms—Channel 1: CSREF,
Channel 2: DELAY, Channel 3: COMP, Channel 4: Phase 1 Switch Node
DYNAMIC VID
The ADP3186 has the ability to dynamically change the VID
input while the controller is running. This allows the output
voltage to change while the supply is running and supplying
current to the load. This is commonly referred to as VID
on-the-fly (OTF). A VID OTF can occur under either light or
heavy load conditions. The processor signals the controller by
changing the VID inputs in multiple steps from the start code to
the finish code. This change can be positive or negative.
When a VID input changes state, the ADP3186 detects the
change and ignores the DAC inputs for a minimum of 400 ns.
This time prevents a false code due to logic skew while the five
VID inputs are changing. Additionally, the first VID change
initiates the PWRGD and CROWBAR blanking functions for a
minimum of 100 μs to prevent a false PWRGD or CROWBAR
event. Each VID change resets the internal timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com