Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3186 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP3186
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP3186 Datasheet HTML 16Page - Analog Devices ADP3186 Datasheet HTML 17Page - Analog Devices ADP3186 Datasheet HTML 18Page - Analog Devices ADP3186 Datasheet HTML 19Page - Analog Devices ADP3186 Datasheet HTML 20Page - Analog Devices ADP3186 Datasheet HTML 21Page - Analog Devices ADP3186 Datasheet HTML 22Page - Analog Devices ADP3186 Datasheet HTML 23Page - Analog Devices ADP3186 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADP3186
Rev. A | Page 22 of 24
Initial Transient Setting
19. With the dynamic load still set at the maximum step size,
expand the scope time scale to see 2 μs/div to 5 μs/div. The
waveform may have two overshoots and one minor under-
shoot (see Figure 13). Here, VDROOP is the final desired value.
VDROOP
VTRAN1
VTRAN2
Figure 13. Transient Setting Waveform
20. If both overshoots are larger than desired, try making
the following adjustments. Note that, if these adjust-
ments do not change the response, you are limited by
the output decoupling. Check the output response
each time you make a change as well as the switching
nodes to make sure that the response is still stable.
21. Make the ramp resistor larger by 25% (RRAMP).
22. For VTRAN1, increase CB or increase the switching
frequency.
B
23. For VTRAN2, increase RA and decrease CA by 25%.
24. For load release (see Figure 14), if VTRANREL is larger
than VTRAN1 (see Figure 13), there is not enough output
capacitance. You need more capacitance or you have
to make the inductor values smaller. (If you change
inductors, you need to start the design again using the
spreadsheet and this tuning procedure.)
VDROOP
VTRANREL
Figure 14. Transient Setting Waveform
Because the ADP3186 turns off all the phases (switches inductors
to ground), there is no ripple voltage present during load release.
Therefore, you do not have to add headroom for ripple,
allowing your load release VTRANREL to be larger than VTRAN1 by the
amount of ripple, and still meet specifications.
If VTRAN1 and VTRANREL are less than the desired final droop, this
implies that capacitors can be removed. When removing capaci-
tors, check the output ripple voltage as well to make sure that it
is still within specifications.
LAYOUT AND COMPONENT PLACEMENT
The following guidelines are recommended for optimal
performance of a switching regulator in a PC system.
General Recommendations
For good results, a PCB with at least four layers is recommended.
This provides the needed versatility for control circuitry
interconnections with optimal placement, power planes for
ground, input, and output power, and wide interconnection
traces in the remainder of the power delivery current paths.
Keep in mind that each square unit of 1 oz copper trace
has a resistance of ~0.53 mΩ at room temperature.
Whenever high currents must be routed between PCB layers,
vias should be used liberally to create several parallel current
paths, so that the resistance and inductance introduced by
these current paths is minimized and the via current rating is
not exceeded.
If critical signal lines (including the output voltage sense lines of
the ADP3186) must cross through power circuitry, it is best if a
signal ground plane can be interposed between those signal lines
and the traces of the power circuitry. This serves as a shield to
minimize noise injection into the signals at the expense of
making signal ground a bit noisier.
An analog ground plane should be used around and under the
ADP3186 as a reference for the components associated with the
controller. This plane should be tied to the nearest output
decoupling capacitor ground and should not be tied to any other
power circuitry to prevent power currents from flowing in it.
The components around the ADP3186 should be located close
to the controller with short traces. The most important traces to
keep short and away from other traces are the FB and CSSUM
pins. The output capacitors should be connected as close as
possible to the load (or connector), for example, a micropro-
cessor core, that receives the power. If the load is distributed,
the capacitors should also be distributed and generally be in
proportion to where the load tends to be more dynamic.
Avoid crossing any signal lines over the switching power path
loop, described in the Power Circuitry Recommendations
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com