Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3186 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP3186
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP3186 Datasheet HTML 14Page - Analog Devices ADP3186 Datasheet HTML 15Page - Analog Devices ADP3186 Datasheet HTML 16Page - Analog Devices ADP3186 Datasheet HTML 17Page - Analog Devices ADP3186 Datasheet HTML 18Page - Analog Devices ADP3186 Datasheet HTML 19Page - Analog Devices ADP3186 Datasheet HTML 20Page - Analog Devices ADP3186 Datasheet HTML 21Page - Analog Devices ADP3186 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADP3186
Rev. A | Page 18 of 24
With conduction losses being dominant, the following
expression shows the total power being dissipated in each
synchronous MOSFET in terms of the ripple current per phase
(IR) and average total output current (IO):
()
()
SF
DS
SF
R
SF
O
SF
R
n
I
n
n
I
D
P
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
−
=
2
2
12
1
1
(15)
Knowing the maximum output current being designed for and
the maximum allowed power dissipation, one can find the
required RDS(ON) for the MOSFET. For D-PAK MOSFETs up to
an ambient temperature of 50°C, a safe limit for PSF is 1 W to
1.5 W at 120°C junction temperature. Thus, for this example
(56 A maximum), RDS(SF) < 4.8 mΩ. This RDS(SF) is also at a
junction temperature of about 120°C, so one needs to make sure
to account for this when making this selection. This example
uses one low-side MOSFET at 4.8 mΩ at 120°C.
Another important factor for the synchronous MOSFET is the
input capacitance and feedback capacitance. The ratio of the
feedback to input needs to be small (less than 10% is recom-
mended) to prevent accidental turn-on of the synchronous
MOSFETs when the switch node goes high.
Also, the time to switch the synchronous MOSFETs off should
not exceed the nonoverlap dead time of the MOSFET driver
(40 ns typical for the ADP3110A). The output impedance of the
driver is approximately 2 Ω, and the typical MOSFET input gate
resistances are about 1 Ω to 2 Ω, so a total gate capacitance of
less than 6000 pF should be adhered to. Because there is one
MOSFET, the input capacitance for the synchronous MOSFET
should be limited to 6000 pF.
The high-side (main) MOSFET must be able to handle two
main power dissipation components: conduction and switching
losses. The switching loss is related to the amount of time it
takes for the main MOSFET to turn on and off, and to the
current and voltage that are being switched. Basing the switching
speed on the rise and fall time of the gate driver impedance and
MOSFET input capacitance, the following expression provides
an approximate value for the switching loss per main MOSFET,
where nMF is the total number of main MOSFETs:
()
ISS
MF
G
MF
O
CC
SW
MF
S
C
n
n
R
n
I
V
f
P
×
×
×
×
×
×
= 2
(16)
where:
RG is the total gate resistance (2 Ω for the ADP3110A and about
1 Ω for typical high speed switching MOSFETs, making
RG = 3 Ω).
CISS is the input capacitance of the main MOSFET.
It is interesting to note that adding more main MOSFETs (nMF)
does not help the switching loss per MOSFET, because the
additional gate capacitance slows switching. The best way to
reduce switching loss is to use lower gate capacitance devices.
The conduction loss of the main MOSFET is given by the
following equation, where RDS(MF) is the on resistance of the
MOSFET:
()
()
MF
DS
MF
R
MF
O
MF
C
R
n
I
n
n
I
D
P
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛ ×
×
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
2
2
12
1
(17)
Typically, for main MOSFETs, the highest speed (low CISS)
device is preferred, but these usually have higher on resistance.
Select a device that meets the total power dissipation (about
1.5 W for a single D-PAK) when combining the switching and
conduction losses.
For this example, an NTD60N02 was selected as the main
MOSFET (three total; nMF = 3), with a CISS = 948 pF (max), and
RDS(MF) = 11.2 mΩ (max at TJ = 120°C), and an NTD110N02 was
selected as the synchronous MOSFET (three total; nSF = 3), with
CISS = 2710 pF (max), and RDS(SF) = 4.8 mΩ (max at TJ = 120°C).
The synchronous MOSFET CISS is less than 6000 pF, satisfying
that requirement. Solving for the power dissipation per MOSFET
at IO = 56 A and IR = 6.6 A yields 913 mW for each synchronous
MOSFET and 1.48 W for each main MOSFET.
One last issue to consider is the power dissipation in the driver
for each phase. This is best described in terms of the QG for the
MOSFETs and is given by the following equation, where QGMF is
the total gate charge for each main MOSFET and QGSF is the
total gate charge for each synchronous MOSFET:
()
CC
CC
GSF
SF
GMF
MF
SW
DRV
V
I
Q
n
Q
n
n
f
P
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
+
×
+
×
×
×
=
2
(18)
Also shown is the standby dissipation factor (ICC × VCC) for the
driver. For the ADP3110A, the maximum dissipation should be
less than 400 mW. In this example, with ICC = 7 mA, QGMF =
16 nC, and QGSF = 48 nC, one finds 211 mW in each driver,
which is below the 400 mW dissipation limit. See the
ADP3110A data sheet for more details.
RAMP RESISTOR SELECTION
The ramp resistor (RR) is used for setting the size of the internal
PWM ramp. The value of this resistor is chosen to provide the
best combination of thermal balance, stability, and transient
response. The following expression is used for determining the
optimum value:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com