Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3186 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP3186
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP3186 Datasheet HTML 16Page - Analog Devices ADP3186 Datasheet HTML 17Page - Analog Devices ADP3186 Datasheet HTML 18Page - Analog Devices ADP3186 Datasheet HTML 19Page - Analog Devices ADP3186 Datasheet HTML 20Page - Analog Devices ADP3186 Datasheet HTML 21Page - Analog Devices ADP3186 Datasheet HTML 22Page - Analog Devices ADP3186 Datasheet HTML 23Page - Analog Devices ADP3186 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADP3186
Rev. A | Page 21 of 24
TUNING PROCEDURE
To tune the AD3186, follow these steps:
1.
Build a circuit based on the compensation values
computed from the design spreadsheet.
2.
Hook up the dc load to circuit, turn it on, and verify its
operation. Also check for jitter at no-load and full-load.
DC Loadline Setting
3.
Measure the output voltage at no-load (VNL). Verify that it
is within tolerance.
4.
Measure the output voltage at full-load cold (VFLCOLD). Let
the board sit for ~10 minutes at full-load, and then measure
the output (VFLHOT). If there is a change of more than a few
mV, adjust RCS1 and RCS2 using Equations 35 and 37.
()
()
FLHOT
NL
FLCOLD
NL
OLD
CS2
NEW
CS2
V
V
V
V
R
R
−
−
×
=
(35)
5.
Repeat Step 4 until the cold and hot voltage measurements
remain the same.
6.
Measure the output voltage from no-load to full-load using
5 A steps. Compute the loadline slope for each change, and
then average them to determine the overall loadline slope
(ROMEAS).
7.
If ROMEAS is off from RO by more than 0.05 mΩ, use the
following to adjust the RPH values:
()
()
O
OMEAS
OLD
PH
NEW
PH
R
R
R
R
×
=
(36)
8.
Repeat Steps 6 and 7 to check the loadline, and repeat
adjustments, if necessary.
9.
Once dc loadline adjustment is complete, do not change
RPH, RCS1, RCS2, or RTH for the remainder of the procedure.
10. Measure the output ripple at no-load and full-load with a
scope, and make sure that it is within specifications.
AC Loadline Setting
11. Remove the dc load from the circuit and hook up the
dynamic load.
12. Hook up the scope to the output voltage and set it to
dc coupling with the time scale at 100 μs/div.
13. Set the dynamic load for a transient step of about 24 A
at 1 kHz with 50% duty cycle.
14. Measure the output waveform (you might have to use
dc offset on scope to see the waveform). Try to use a
vertical scale of 100 mV/div or finer. This waveform
should look similar to Figure 12.
15. Use the horizontal cursors to measure VACDRP and
VDCDRP as shown. Do not measure the undershoot or
overshoot that happens immediately after the step.
16. If VACDRP and VDCDRP are different by more than a few
mV, use Equation 38 to adjust CCS. You might need to
parallel different values to get the right one, because
the standard capacitor values available are limited. It is
a good idea to have locations for two capacitors in the
layout for this.
()
()
DCDRP
ACDRP
OLD
CS
NEW
CS
V
V
C
C
×
=
(38)
17. Repeat Steps 11 to 13 and repeat the adjustments, if
necessary. Once complete, do not change CCS for the
remainder of the procedure.
18. Set the dynamic load step to the maximum step size
(do not use a step size larger than needed) and verify
that the output waveform is square, which means that
VACDRP and VDCDRP are equal.
VACDRP
VDCDRP
Figure 12. AC Loadline Waveform
()
()
(
)
()
(
)
()
()
()
()
(
)
()
()
C
25
C
25
C
25
C
25
1
1
°
°
°
°
−
−
×
−
+
×
+
=
TH
TH
OLD
CS1
NEW
CS2
OLD
CS1
TH
OLD
CS1
TH
OLD
CS1
NEW
CS1
R
R
R
R
R
R
R
R
R
R
(37)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com