Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3186 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP3186
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP3186 Datasheet HTML 13Page - Analog Devices ADP3186 Datasheet HTML 14Page - Analog Devices ADP3186 Datasheet HTML 15Page - Analog Devices ADP3186 Datasheet HTML 16Page - Analog Devices ADP3186 Datasheet HTML 17Page - Analog Devices ADP3186 Datasheet HTML 18Page - Analog Devices ADP3186 Datasheet HTML 19Page - Analog Devices ADP3186 Datasheet HTML 20Page - Analog Devices ADP3186 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADP3186
Rev. A | Page 17 of 24
The offset is set by a constant current source flowing into of the
FB pin (IFB) and flowing through RB. The value of R
B
B
can be
found using Equation
:
11
FB
VID
ONL
B
I
V
V
R
−
=
Ω
k
00
.
2
μA
15
V
5
.
1
V
53
.
1
=
−
=
B
R
(11)
The closest standard 1% resistor value is 2 kΩ.
COUT SELECTION
The required output decoupling for the regulator is typically
recommended by AMD for various processors and platforms.
One can also use some simple design guidelines to determine
what is required. These guidelines are based on having both
bulk and ceramic capacitors in the system.
First select the total amount of ceramic capacitance. This is
based on the number and type of capacitor to be used. The best
location for ceramics is inside the socket. Others can be placed
along the outer edge of the socket as well.
Combined ceramic values of 30 μF to 100 μF are recommended,
usually made up of multiple 10 μF or 22 μF capacitors. Select the
number of ceramics and find the total ceramic capacitance (CZ).
Next, there is an upper limit imposed on the total amount of
bulk capacitance (CX) when one considers the VID on-the-fly
voltage stepping of the output (voltage step VV in time tV with
error of VERR). A lower limit is based on meeting the capacitance
for load release for a given maximum load step ∆IO and a maxi-
mum allowable overshoot. The total amount of load release
voltage is given as ΔVO = ΔIO × ROD.
()
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
×
×
×
≥
z
VID
OD
O
MIN
x
C
V
R
n
I
L
C
Δ
(12)
() ≤
MAX
x
C
Z
O
V
VID
v
VID
V
2
O
2
C
L
nKR
V
V
t
V
V
R
nK
L
−
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎝
⎛
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
×
1
1
2
(13)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
V
ERR
V
V
n
l
K
where
To meet the conditions of these expressions and transient
response, the ESR of the bulk capacitor bank (RX) should be less
than or equal to the dynamic droop resistance (ROD). If the
CX(MIN) is larger than CX(MAX), the system cannot meet the VID
on-the-fly specification and might require the use of a smaller
inductor or more phases (and might have to increase the
switching frequency to keep the output ripple the same).
This example uses a combination of MLC capacitors (CZ =
80 μF). The VID on-the-fly step change is from 1.5 V to 0.8 V
(making VV = 700 mV) in 100 μs with a setting error of 3%.
Solving for the bulk capacitance yields
()
mF
6
.
1
μF
80
V
5
.
1
mΩ
9
.
1
3
A
24
nH
600
=
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
×
×
×
≤
MIN
x
C
()
×
×
Ω
×
×
×
≤
V
5
.
1
m
1
.
1
5
.
3
3
mV
700
nH
600
2
MAX
x
C
mF
.4
20
F
80
1
nH
0
60
mV
0
70
Ω
m
1
1.
5
.
3
3
V
5
1.
μs
100
1
2
=
μ
−
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎝
⎛
−
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
×
×
×
+
where k = 3.5.
Using eight 820 μF OS-CON capacitors with a typical ESR of
12 mΩ each yields CX = 6.56 mF with an RX = 1.5 mΩ.
One last check should be made to ensure that the ESL of the
bulk capacitors (LX) is low enough to limit the high frequency
ringing during a load change. This is tested using
()
pH
0
58
mΩ
9
1.
μF
80
2
2
2
=
×
×
≤
×
×
≤
x
2
OD
z
x
L
R
C
Q
L
(14)
where Q is limited to the square root of 2 to ensure a critically
damped system. In this example, LX is approximately 500 pH for
the eight OS-CON capacitors, which satisfies this limitation. If
the LX of the chosen bulk capacitor bank is too large, the number
of ceramic capacitors might need to be increased, if there is
excessive ringing.
One should note that for this multimode control technique,
all ceramic designs can be used as long as the conditions of
Equations 11, 12, and 13 are satisfied.
POWER MOSFETS
For this example, the N channel power MOSFETs have been
selected for one high-side switch and two low-side switches per
phase. The main selection parameters for the power MOSFETs
are VGS(TH), QG, CISS, CRSS, and RDS(ON). The minimum gate drive
voltage (the supply voltage to the ADP3110A) dictates whether
standard threshold or logic-level threshold MOSFETs must be
used. With VGATE ~10 V, logic-level threshold MOSFETs (VGS(TH)
< 2.5 V) are recommended.
The maximum output current (IO) determines the RDS(ON)
requirement for the low-side (synchronous) MOSFETs. With
the ADP3186, currents are balanced between phases, therefore
the current in each low-side MOSFET is the output current
divided by the total number of MOSFETs (nSF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com