Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3186 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3186
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3186 Datasheet HTML 9Page - Analog Devices ADP3186 Datasheet HTML 10Page - Analog Devices ADP3186 Datasheet HTML 11Page - Analog Devices ADP3186 Datasheet HTML 12Page - Analog Devices ADP3186 Datasheet HTML 13Page - Analog Devices ADP3186 Datasheet HTML 14Page - Analog Devices ADP3186 Datasheet HTML 15Page - Analog Devices ADP3186 Datasheet HTML 16Page - Analog Devices ADP3186 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADP3186
Rev. A | Page 13 of 24
VIN
12V
VIN RTN
ENABLE
CROWBAR
POWER
GOOD
R15
280k
Ω
R14
147k
Ω
R5
332k
Ω
Q2
NTD110N02
Q5
NTD110N02
Q8
NTD110N02
Q1
NTD60N02
Q4
NTD60N02
C20
39nF
VCC(CORE)
0.8V – 1.55V
VCC(CORE) RTN
L2
600nH/1.6m
Ω
L1
1.6
μH
C1
C3
R9
187k
Ω
C9
100nF
C23
C30
L3
600nH/1.6m
Ω
C8
1
μF
D1
1N4148WS
D2
1N4148WS
D3
1N4148WS
D4
1N4148WS
C5
100nF
C4
1
μF
C6
4.7
μF
C10
4.7
μF
C14
4.7
μF
U2
ADP3110A
U3
ADP3110A
U4
ADP3110A
3
1
4
5
26
25
24
2
28
27
6
10
14
7
8
9
19
22
21
20
23
11
12
13
15
18
17
16
U1
ADP3186
Q7
NTD60N02
C13
100nF
L4
600nH/1.6m
Ω
C12
1
μF
R4
10
Ω
R7
8.45k
Ω
C19
27pF
C18
680pF
C21
1.5nF
C22
2.2nF
2200
μF/16V
⋅ 3
NICHICON PW SERIES
820
μF/4V
⋅ 8
OS-CON SP SERIES
12m
Ω ESR (EACH)
10
μF ⋅ 8
MLCC
IN
SOCKET
C15
4.7nF
C11
4.7nF
C7
4.7nF
R3
2.2
Ω
RTH1
100k
Ω, 1%
R2
2.2
Ω
R1
2.2
Ω
R6
2.00k
Ω
R10
35.7k
Ω
C17
680nF
R12
147k
Ω
R8
390k
Ω
R11
73.2k
Ω
R13
147k
Ω
1
2
3
8
7
6
4
5
BST
IN
OD
VCC
DRVH
SW
PGND
DRVL
1
2
3
8
7
6
4
5
BST
IN
OD
VCC
DRVH
SW
PGND
DRVL
1
2
3
8
7
6
4
5
BST
IN
OD
VCC
DRVH
SW
PGND
DRVL
VID4
VID3
VID2
VID1
VID0
CROWBAR
FBRTN
FB
COMP
EN
PWRGD
DELAY
RT
RAMPADJ
VCC
PWM1
PWM2
PWM3
PWM4
SW1
SW2
SW3
SW4
CSCOMP
GND
CSSUM
CSREF
ILIMIT
+
+
C2
+
C16
1
μF
+
+
Figure 10. Typical VR 10.1 Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com