Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3186 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP3186
Description  5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3186 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP3186 Datasheet HTML 12Page - Analog Devices ADP3186 Datasheet HTML 13Page - Analog Devices ADP3186 Datasheet HTML 14Page - Analog Devices ADP3186 Datasheet HTML 15Page - Analog Devices ADP3186 Datasheet HTML 16Page - Analog Devices ADP3186 Datasheet HTML 17Page - Analog Devices ADP3186 Datasheet HTML 18Page - Analog Devices ADP3186 Datasheet HTML 19Page - Analog Devices ADP3186 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADP3186
Rev. A | Page 16 of 24
()
()
Ω
k
5
.
145
Ω
k
100
mΩ
1
.
1
Ω
m
6
.
1
=
×
=
×
=
x
PH
CS
O
L
x
PH
R
R
R
R
R
Next, use Equation 6 to solve for CCS.
nF
75
.
3
Ω
k
100
Ω
m
6
.
1
nH
600
=
×
=
CS
C
It is best to have a dual location for CCS in the layout, so that
standard values can be used in parallel to get as close as possible
to the value desired. For best accuracy, CCS should be a 5% or
10% NPO capacitor. This example uses a 5% combination for
CCS of 1.5 nF and 2.2 nF in parallel. Recalculating RPH(X) using
this capacitor combination yields a 1% value of 147 kΩ.
INDUCTOR DCR TEMPERATURE CORRECTION
When the inductor’s DCR is used as the sense element and
copper wire is the source of the DCR, one needs to compensate
for temperature changes of the inductor’s winding. Fortunately,
copper has a well-known temperature coefficient (TC) of
0.39%/°C.
If RCS is designed to have an opposite and equal percentage
change in resistance to that of the wire, it cancels the tempera-
ture variation of the inductor’s DCR. Due to the nonlinear
nature of NTC thermistors, resistors RCS1 and RCS2 are needed.
See Figure 11 to linearize the NTC and produce the desired
temperature tracking.
CSSUM
18
CSCOMP
PLACE AS CLOSE AS POSSIBLE
TO NEAREST INDUCTOR
OR LOW-SIDE MOSFET
17
CSREF
16
ADP3186
CCS1
CCS2
RCS1
RTH
RCS2
KEEP THIS PATH
AS SHORT AS POSSIBLE
AND WELL AWAY FROM
SWITCH NODE LINES
TO
SWITCH
NODES
TO
VOUT
SENSE
RPH1
RPH3
RPH2
Figure 11. Temperature Compensation Circuit Values
The following procedure and expressions yield values to use for
RCS1, RCS2, and RTH (the thermistor value at 25°C) for a given RCS
value:
1.
Select an NTC based on type and value. Because the value
has not yet been found, start with a thermistor with a value
close to RCS. The NTC should also have an initial tolerance
of better than 5%.
2.
Based on the type of NTC, find its relative resistance value
at two temperatures. The temperatures that work well are
50°C and 90°C. These resistance values are called A
(RTH(50°C)/RTH(25°C)) and B (RTH(90°C)/RTH(25°C)). Note that the
NTC’s relative value is always 1 at 25°C.
3.
Find the relative value of RCS required for each of these
temperatures. This is based on the percentage change
needed, which in this example is initially 0.39%/°C. These
are called r1 (1/(1 + TC × (T1 − 25))) and r2 (1/(1 + TC ×
(T2 − 25))), where TC = 0.0039 for copper. T1 = 50°C and
T2 = 90°C are chosen. From this, one can calculate that
r1 = 0.9112 and r2 = 0.7978.
4.
Compute the relative values for RCS1, RCS2, and RTH using
(
)
()
(
)
()
()
(
)
B
A
r
A
B
r
B
A
r
A
B
r
B
A
r
r
B
A
r
2
1
1
2
2
1
CS2
−
−
×
−
×
−
×
−
×
×
−
×
+
×
−
×
−
×
×
−
=
1
1
1
1
(
)
CS2
1
CS2
CS1
r
r
A
r
A
r
−
−
−
−
=
1
1
1
CS1
CS2
TH
r
r
r
1
1
1
1
−
−
=
(8)
5.
Calculate RTH = rTH × RCS, then select the closest value of
thermistor available. Also compute a scaling factor k based
on the ratio of the actual thermistor value used relative to
the computed one:
()
()
CALCULATED
TH
ACTUAL
TH
R
R
k =
(9)
6.
Calculate values for RCS1 and RCS2 using Equation 10:
CS1
CS
CS1
r
k
R
R
×
×
=
(
)
(
)
(
)
CS2
CS
CS2
r
k
k
R
R
×
+
−
×
=
1
(10)
For this example, RCS has been calculated to be 100 kΩ, so
start with a thermistor value of 100 kΩ. Looking through
available 0603 size thermistors, one finds a Vishay
NTHS0603N01N1003JR NTC thermistor with A = 0.3602
and B = 0.09174. From these, one can compute rCS1 =
0.3796, rCS2 = 0.7195, and rTH = 1.0751. Solving for RTH
yields 107.51 kΩ, so 100 kΩ is chosen, making k = 0.9302.
Finally, one finds that RCS1 and RCS2 are 35.3 kΩ and
73.9 kΩ. Choosing the closest 1% resistor values yields a
choice of 35.7 kΩ and 73.2 kΩ.
OUTPUT OFFSET
The AMD specification requires that at no load the nominal
output voltage of the regulator be offset to a value higher than
the nominal voltage corresponding to the VID code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com