Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7342 Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7342
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7342 Datasheet HTML 35Page - Analog Devices ADV7342 Datasheet HTML 36Page - Analog Devices ADV7342 Datasheet HTML 37Page - Analog Devices ADV7342 Datasheet HTML 38Page - Analog Devices ADV7342 Datasheet HTML 39Page - Analog Devices ADV7342 Datasheet HTML 40Page - Analog Devices ADV7342 Datasheet HTML 41Page - Analog Devices ADV7342 Datasheet HTML 42Page - Analog Devices ADV7342 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 39 of 88
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
Reserved.
0
0x00
0
Disabled.
SD Noninterlaced Mode.
1
Enabled.
0
Disabled.
SD Double Buffering.
1
Enabled.
0
0
8-bit input.
0
1
16-bit input.
1
0
Reserved.
SD Input Format.
1
1
Reserved.
0
Disabled.
SD Digital Noise Reduction.
1
Enabled.
0
Disabled.
SD Gamma Correction Enable.
1
Enabled.
0
Gamma Correction Curve A.
0x88
SD Mode
Register 7
SD Gamma Correction Curve Select.
1
Gamma Correction Curve B.
0
0
Disabled.
0x00
0
1
−11 IRE.
1
0
−6 IRE.
SD Undershoot Limiter.
1
1
−1.5 IRE.
Reserved.
0
0 must be written to this bit.
0
Disabled.
SD Black Burst Output on DAC
Luma.
1
Enabled.
0
0
Disabled.
0
1
4 clock cycles.
1
0
8 clock cycles.
SD Chroma Delay.
1
1
Reserved.
0x89
SD Mode
Register 8
Reserved.
0
0
0 must be written to these bits.
1 When set to 0, the horizontal/vertical counters automatically wrap around at the end of the line/field/frame of the selected standard. When set to 1, the
horizontal/vertical counters are free running and wrap around when external sync signals indicate to do so.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com