Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7342 Datasheet(PDF) 42 Page - Analog Devices

Part # ADV7342
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADV7342 Datasheet HTML 38Page - Analog Devices ADV7342 Datasheet HTML 39Page - Analog Devices ADV7342 Datasheet HTML 40Page - Analog Devices ADV7342 Datasheet HTML 41Page - Analog Devices ADV7342 Datasheet HTML 42Page - Analog Devices ADV7342 Datasheet HTML 43Page - Analog Devices ADV7342 Datasheet HTML 44Page - Analog Devices ADV7342 Datasheet HTML 45Page - Analog Devices ADV7342 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 42 of 88
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0
0
0
0
0
0
0
0x00
0
0
0
0
0
1
1
…
…
…
…
…
…
…
1
1
1
1
1
0
62
DNR Threshold.
1
1
1
1
1
1
63
0
2 pixels
Border Area.
1
4 pixels
0
8 pixels
0xA4
SD DNR 1
Block Size Control.
1
16 pixels
0
0
1
Filter A
0x00
0
1
0
Filter B
0
1
1
Filter C
DNR Input Select.
1
0
0
Filter D
0
DNR mode
DNR Mode.
1
DNR sharpness mode
0
0
0
0
0 pixel offset
0
0
0
1
1 pixel offset
…
…
…
…
…
1
1
1
0
14 pixel offset
0xA5
SD DNR 2
DNR Block Offset.
1
1
1
1
15 pixel offset
Table 29. Register 0xA6 to Register 0xBB
SR7 to
Bit Number
Register
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Setting
Value
0xA6
SD Gamma A 0
SD Gamma Curve A (Point 24).
x
x
x
x
x
x
x
x
A0
0x00
0xA7
SD Gamma A 1
SD Gamma Curve A (Point 32).
x
x
x
x
x
x
x
x
A1
0x00
0xA8
SD Gamma A 2
SD Gamma Curve A (Point 48).
x
x
x
x
x
x
x
x
A2
0x00
0xA9
SD Gamma A 3
SD Gamma Curve A (Point 64).
x
x
x
x
x
x
x
x
A3
0x00
0xAA
SD Gamma A 4
SD Gamma Curve A (Point 80).
x
x
x
x
x
x
x
x
A4
0x00
0xAB
SD Gamma A 5
SD Gamma Curve A (Point 96).
x
x
x
x
x
x
x
x
A5
0x00
0xAC
SD Gamma A 6
SD Gamma Curve A (Point 128).
x
x
x
x
x
x
x
x
A6
0x00
0xAD
SD Gamma A 7
SD Gamma Curve A (Point 160).
x
x
x
x
x
x
x
x
A7
0x00
0xAE
SD Gamma A 8
SD Gamma Curve A (Point 192).
x
x
x
x
x
x
x
x
A8
0x00
0xAF
SD Gamma A 9
SD Gamma Curve A (Point 224).
x
x
x
x
x
x
x
x
A9
0x00
0xB0
SD Gamma B 0
SD Gamma Curve B (Point 24).
x
x
x
x
x
x
x
x
B0
0x00
0xB1
SD Gamma B 1
SD Gamma Curve B (Point 32).
x
x
x
x
x
x
x
x
B1
0x00
0xB2
SD Gamma B 2
SD Gamma Curve B (Point 48).
x
x
x
x
x
x
x
x
B2
0x00
0xB3
SD Gamma B 3
SD Gamma Curve B (Point 64).
x
x
x
x
x
x
x
x
B3
0x00
0xB4
SD Gamma B 4
SD Gamma Curve B (Point 80).
x
x
x
x
x
x
x
x
B4
0x00
0xB5
SD Gamma B 5
SD Gamma Curve B (Point 96).
x
x
x
x
x
x
x
x
B5
0x00
0xB6
SD Gamma B 6
SD Gamma Curve B (Point 128).
x
x
x
x
x
x
x
x
B6
0x00
0xB7
SD Gamma B 7
SD Gamma Curve B (Point 160).
x
x
x
x
x
x
x
x
B7
0x00
0xB8
SD Gamma B 8
SD Gamma Curve B (Point 192).
x
x
x
x
x
x
x
x
B8
0x00
0xB9
SD Gamma B 9
SD Gamma Curve B (Point 224).
x
x
x
x
x
x
x
x
B9
0x00
0xBA
SD Brightness Detect
SD Brightness Value.
x
x
x
x
x
x
x
x
Read only.
0xXX
Field Count.
x
x
x
Read only.
0x0X
Reserved.
0
0
0
Reserved.
0xBB
Field Count Register
Revision Code.
0
0
Read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com