Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7342 Datasheet(PDF) 40 Page - Analog Devices

Part # ADV7342
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADV7342 Datasheet HTML 36Page - Analog Devices ADV7342 Datasheet HTML 37Page - Analog Devices ADV7342 Datasheet HTML 38Page - Analog Devices ADV7342 Datasheet HTML 39Page - Analog Devices ADV7342 Datasheet HTML 40Page - Analog Devices ADV7342 Datasheet HTML 41Page - Analog Devices ADV7342 Datasheet HTML 42Page - Analog Devices ADV7342 Datasheet HTML 43Page - Analog Devices ADV7342 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 40 of 88
Table 27. Register 0x8A to Register 0x98
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0
Slave mode.
0x08
SD Slave/Master Mode.
1
Master mode.
0
0
Mode 0.
0
1
Mode 1.
1
0
Mode 2.
SD Timing Mode.
1
1
Mode 3.
Reserved.
1
0
0
No delay.
0
1
2 clock cycles.
1
0
4 clock cycles.
SD Luma Delay.
1
1
6 clock cycles.
0
−40 IRE.
SD Minimum Luma Value.
1
−7.5 IRE.
0x8A
SD Timing Register 0
SD Timing Reset.
x
A low-high-low transition
resets the internal SD
timing counters.
0
0
ta = 1 clock cycle.
0x00
0
1
ta = 4 clock cycles.
1
0
ta = 16 clock cycles.
SD HSYNC Width.
1
1
ta = 128 clock cycles.
0
0
tb = 0 clock cycles.
0
1
tb = 4 clock cycles.
1
0
tb = 8 clock cycles.
SD HSYNC to VSYNC Delay.
1
1
tb = 18 clock cycles.
x
0
tc = tb.
SD HSYNC to VSYNC Rising
Edge Delay (Mode 1 Only).
x
1
tc = tb + 32 μs.
0
0
1 clock cycle.
0
1
4 clock cycles.
1
0
16 clock cycles.
SD VSYNC Width (Mode 2 Only).
1
1
128 clock cycles.
0
0
0 clock cycles.
0
1
1 clock cycle.
1
0
2 clock cycles.
0x8B
SD Timing Register 1
(Note: Applicable in
master modes only,
that is, Subaddress
0x8A, Bit 0 = 1)
SD HSYNC to Pixel Data Adjust.
1
1
3 clock cycles.
0x8C
SD FSC Register 01
Subcarrier Frequency Bits[7:0].
x
x
x
x
x
x
x
x
Subcarrier Frequency
Bits[7:0].
0x1F
0x8D
SD FSC Register 11
Subcarrier Frequency Bits[15:8].
x
x
x
x
x
x
x
x
Subcarrier Frequency
Bits[15:8].
0x7C
0x8E
SD FSC Register 21
Subcarrier Frequency
Bits[23:16].
x
x
x
x
x
x
x
x
Subcarrier Frequency
Bits[23:16].
0xF0
0x8F
SD FSC Register 31
Subcarrier Frequency
Bits[31:24].
x
x
x
x
x
x
x
x
Subcarrier Frequency
Bits[31:24].
0x21
0x90
SD FSC Phase
Subcarrier Phase Bits[9:2].
x
x
x
x
x
x
x
x
Subcarrier Phase Bits[9:2].
0x00
0x91
SD Closed Captioning
Extended Data on Even Fields.
x
x
x
x
x
x
x
x
Extended Data Bits[7:0].
0x00
0x92
SD Closed Captioning
Extended Data on Even Fields.
x
x
x
x
x
x
x
x
Extended Data Bits[15:8].
0x00
0x93
SD Closed Captioning
Data on Odd Fields.
x
x
x
x
x
x
x
x
Data Bits[7:0].
0x00
0x94
SD Closed Captioning
Data on Odd Fields.
x
x
x
x
x
x
x
x
Data Bits[15:8].
0x00
0x95
SD Pedestal Register 0
Pedestal on Odd Fields.
17
16
15
14
13
12
11
10
0x00
0x96
SD Pedestal Register 1
Pedestal on Odd Fields.
25
24
23
22
21
20
19
18
0x00
0x97
SD Pedestal Register 2
Pedestal on Even Fields.
17
16
15
14
13
12
11
10
0x00
0x98
SD Pedestal Register 3
Pedestal on Even Fields.
25
24
23
22
21
20
19
18
Setting any of these bits
to 1 disables pedestal
on the line number
indicated by the bit
settings.
0x00
1 SD subcarrier frequency registers default to NTSC subcarrier frequency values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com