Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7342 Datasheet(PDF) 84 Page - Analog Devices

Part # ADV7342
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADV7342 Datasheet HTML 80Page - Analog Devices ADV7342 Datasheet HTML 81Page - Analog Devices ADV7342 Datasheet HTML 82Page - Analog Devices ADV7342 Datasheet HTML 83Page - Analog Devices ADV7342 Datasheet HTML 84Page - Analog Devices ADV7342 Datasheet HTML 85Page - Analog Devices ADV7342 Datasheet HTML 86Page - Analog Devices ADV7342 Datasheet HTML 87Page - Analog Devices ADV7342 Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 84 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 84 of 88
SD OUTPUT PLOTS
0.5
0
APL = 44.5%
525 LINE NTSC
SLOW CLAMP TO 0.00V AT 6.72
μs
10
20
F1
L76
30
40
50
60
100
50
0
–50
0
VOLTS IRE:FLT
MICROSECONDS
PRECISION MODE OFF
SYNCHRONOUS SYNC = A
µ
FRAMES SELECTED 1, 2
Figure 128. NTSC Color Bars (75%)
0
NOISE REDUCTION: 15.05dB
APL = 44.3%
525 LINE NTSC NO FILTERING
SLOW CLAMP TO 0.00V AT 6.72
μs
10
20
30
40
50
60
MICROSECONDS
PRECISION MODE OFF
SYNCHRONOUS SYNC = SOURCE
µ
FRAMES SELECTED 1, 2
F2
L238
50
00
IRE:FLT
0.6
0.4
0.2
0
–0.2
VOLTS
Figure 129. NTSC Luma
0
NOISE REDUCTION: 15.05dB
APL NEEDS SYNC SOURCE.
525 LINE NTSC
NO FILTERING
SLOW CLAMP TO 0.00 AT 6.72µs
10
20
F1
L76
30
40
50
60
50
–50
0
0.4
0.2
0
–0.2
–0.4
PRECISION MODE OFF
SYNCHRONOUS SYNC = B
FRAMES SELECTED 1, 2
VOLTS IRE:FLT
MICROSECONDS
Figure 130. NTSC Chroma
VOLTS
NOISE REDUCTION: 0.00dB
APL = 39.1%
625 LINE NTSC
NO FILTERING
SLOW CLAMP TO 0.00 AT 6.72µs
10
020
L608
30
40
50
60
0.4
0.2
0.6
0
–0.2
PRECISION MODE OFF
SYNCHRONOUS SOUND-IN-SYNC OFF
FRAMES SELECTED 1, 2, 3, 4
MICROSECONDS
Figure 131. PAL Color Bars (75%)
VOLTS
APL NEEDS SYNC SOURCE.
625 LINE PAL NO FILTERING
SLOW CLAMP TO 0.00 AT 6.72µs
10
020
L575
30
40
50
60
0
0.5
MICROSECONDS
70
NO BUNCH SIGNAL
PRECISION MODE OFF
SYNCHRONOUS SOUND-IN-SYNC OFF
FRAMES SELECTED 1
Figure 132. PAL Luma
VOLTS
APL NEEDS SYNC SOURCE.
625 LINE PAL NO FILTERING
SLOW CLAMP TO 0.00 AT 6.72µs
10
020
L575
30
40
50
60
0
0.5
–0.5
NO BUNCH SIGNAL
PRECISION MODE OFF
SYNCHRONOUS SOUND-IN-SYNC OFF
FRAMES SELECTED 1
MICROSECONDS
Figure 133. PAL Chroma



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com