Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7342 Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7342
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7342 Datasheet HTML 6Page - Analog Devices ADV7342 Datasheet HTML 7Page - Analog Devices ADV7342 Datasheet HTML 8Page - Analog Devices ADV7342 Datasheet HTML 9Page - Analog Devices ADV7342 Datasheet HTML 10Page - Analog Devices ADV7342 Datasheet HTML 11Page - Analog Devices ADV7342 Datasheet HTML 12Page - Analog Devices ADV7342 Datasheet HTML 13Page - Analog Devices ADV7342 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 10 of 88
TIMING DIAGRAMS
The following abbreviations are used in Figure 2 to Figure 13:
•
t9 = Clock high time
•
t10 = Clock low time
•
t11 = Data setup time
•
t12 = Data hold time
•
t13 = Control output access time
•
t14 = Control output hold time
In addition, refer to Table 31 for the ADV7342/ADV7343 input
configuration.
t9
CLKIN_A
t10
CONTROL
OUTPUTS
S_HSYNC,
S_VSYNC
Cr2
Cb2
Cr0
Cb0
*SELECTED BY SUBADDRESS 0x01, BIT 7.
IN MASTER/SLAVE MODE
IN SLAVE MODE
Y0
Y1
Y2
S7 TO S0/
Y7 TO Y0*
CONTROL
INPUTS
t12
t11
t13
t14
Figure 2. SD Only, 8-Bit, 4:2:2 YCrCb Pixel Input Mode (Input Mode 000)
IN MASTER/SLAVE MODE
IN SLAVE MODE
CLKIN_A
CONTROL
OUTPUTS
S_HSYNC,
S_VSYNC
*SELECTED BY SUBADDRESS 0x01, BIT 7.
S7 TO S0/
Y7 TO Y0*
Y7 TO Y0/
C7 TO C0*
CONTROL
INPUTS
t9
t10
Cr2
Cb2
Cr0
Cb0
Y0
Y1
Y2
Y3
t12
t14
t11
t13
Figure 3. SD Only, 16-Bit, 4:2:2 YCrCb Pixel Input Mode (Input Mode 000)
C7 TO C0
Y7 TO Y0
CONTROL
OUTPUTS
S7 TO S0
t9
CLKIN_A
t10
S_HSYNC,
S_VSYNC
CONTROL
INPUTS
t11
G0
G1
G2
B0
B1
B2
R0
R1
R2
t12
t14
t13
Figure 4. SD Only, 24-Bit, 4:4:4 RGB Pixel Input Mode (Input Mode 000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com