Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7342 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7342
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7342 Datasheet HTML 7Page - Analog Devices ADV7342 Datasheet HTML 8Page - Analog Devices ADV7342 Datasheet HTML 9Page - Analog Devices ADV7342 Datasheet HTML 10Page - Analog Devices ADV7342 Datasheet HTML 11Page - Analog Devices ADV7342 Datasheet HTML 12Page - Analog Devices ADV7342 Datasheet HTML 13Page - Analog Devices ADV7342 Datasheet HTML 14Page - Analog Devices ADV7342 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 11 of 88
Y0
Y1
Y2
Y3
Y4
Y5
Y7 TO Y0
Cr4
Cb4
Cr2
Cb2
Cr0
Cb0
CONTROL
OUTPUTS
CLKIN_A
P_HSYNC,
P_VSYNC,
CONTROL
INPUTS
P_BLANK
C7 TO C0
t9
t10
t12
t11
t14
t13
Figure 5. ED/HD-SDR Only, 16-Bit, 4:2:2 YCrCb Pixel Input Mode (Input Mode 001)
Y0
Y1
Y2
Y3
Y4
Y5
Cr4
Cr3
Cr2
Cr1
Cr0
Cr5
Cb4
Cb3
Cb2
Cb1
Cb0
Cb5
Y7 TO Y0
CONTROL
OUTPUTS
CLKIN_A
P_HSYNC,
P_VSYNC,
CONTROL
INPUTS
P_BLANK
C7 TO C0
S7 TO S0
t9
t10
t12
t11
t14
t13
Figure 6. ED/HD-SDR Only, 24-Bit, 4:4:4 YCrCb Pixel Input Mode (Input Mode 001)
CLKIN_A
C7 TO C0
G0
G1
G2
G3
G4
G5
B0
B1
B2
B3
B4
B5
R0
R1
R2
R3
R4
R5
Y7 TO Y0
CONTROL
OUTPUTS
S7 TO S0
P_HSYNC,
P_VSYNC,
CONTROL
INPUTS
P_BLANK
t9
t10
t12
t11
t14
t13
Figure 7. ED/HD-SDR Only, 24-Bit, 4:4:4 RGB Pixel Input Mode (Input Mode 001)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com