Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7342 Datasheet(PDF) 47 Page - Analog Devices

Part # ADV7342
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADV7342 Datasheet HTML 43Page - Analog Devices ADV7342 Datasheet HTML 44Page - Analog Devices ADV7342 Datasheet HTML 45Page - Analog Devices ADV7342 Datasheet HTML 46Page - Analog Devices ADV7342 Datasheet HTML 47Page - Analog Devices ADV7342 Datasheet HTML 48Page - Analog Devices ADV7342 Datasheet HTML 49Page - Analog Devices ADV7342 Datasheet HTML 50Page - Analog Devices ADV7342 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 47 of 88
OUTPUT CONFIGURATION
The ADV7342/ADV7343 support a number of different output configurations. Table 32 to Table 35 lists all possible output configurations.
Table 32. SD Only Output Configurations
RGB/YPrPb
Output Select1
(0x02, Bit 5)
SD DAC
Output 2
(0x82, Bit 2)
SD DAC
Output 1
(0x82, Bit 1)
SD Luma/Chroma
Swap (0x84, Bit 7)
DAC 1
DAC 2
DAC 3
DAC 4
DAC 5
DAC 6
0
0
0
0
G
B
R
CVBS
Luma
Chroma
0
0
0
1
G
B
R
CVBS
Chroma
Luma
0
0
1
0
CVBS
Luma
Chroma
G
B
R
0
0
1
1
CVBS
Chroma
Luma
G
B
R
0
1
0
0
CVBS
B
R
G
Luma
Chroma
0
1
0
1
CVBS
B
R
G
Chroma
Luma
0
1
1
0
G
Luma
Chroma
CVBS
B
R
0
1
1
1
G
Chroma
Luma
CVBS
B
R
1
0
0
0
Y
Pb
Pr
CVBS
Luma
Chroma
1
0
0
1
Y
Pb
Pr
CVBS
Chroma
Luma
1
0
1
0
CVBS
Luma
Chroma
Y
Pb
Pr
1
0
1
1
CVBS
Chroma
Luma
Y
Pb
Pr
1
1
0
0
CVBS
Pb
Pr
Y
Luma
Chroma
1
1
0
1
CVBS
Pb
Pr
Y
Chroma
Luma
1
1
1
0
Y
Luma
Chroma
CVBS
Pb
Pr
1
1
1
1
Y
Chroma
Luma
CVBS
Pb
Pr
1 If SD RGB output is selected, a color reversal is possible using Subaddress 0x86, Bit 7.
Table 33. ED/HD Only Output Configurations
RGB/YPrPb Output Select (0x02, Bit 5)
ED/HD Color DAC Swap (0x35, Bit 3)
DAC 1
DAC 2
DAC 3
DAC 4
DAC 5
DAC 6
0
0
G
B
R
N/A
N/A
N/A
0
1
G
R
B
N/A
N/A
N/A
1
0
Y
Pb
Pr
N/A
N/A
N/A
1
1
Y
Pr
Pb
N/A
N/A
N/A
Table 34. Simultaneous SD and ED/HD Output Configurations
RGB/YPrPb Output
Select (0x02, Bit 5)
ED/HD Color
DAC Swap
(0x35, Bit 3)
SD Luma/Chroma
Swap (0x84, Bit 7)
DAC 1
(ED/HD)
DAC 2
(ED/HD)
DAC 3
(ED/HD)
DAC 4
(SD)
DAC 5
(SD)
DAC 6
(SD)
0
0
0
G
B
R
CVBS
Luma
Chroma
0
0
1
G
B
R
CVBS
Chroma
Luma
0
1
0
G
R
B
CVBS
Luma
Chroma
0
1
1
G
R
B
CVBS
Chroma
Luma
1
0
0
Y
Pb
Pr
CVBS
Luma
Chroma
1
0
1
Y
Pb
Pr
CVBS
Chroma
Luma
1
1
0
Y
Pr
Pb
CVBS
Luma
Chroma
1
1
1
Y
Pr
Pb
CVBS
Chroma
Luma
Table 35. ED Only (at 54 MHz) Output Configurations
RGB/YPrPb Output Select (0x02, Bit 5)
ED/HD Color DAC Swap (0x35, Bit 3)
DAC 1
DAC 2
DAC 3
DAC 4
DAC 5
DAC 6
0
0
G
B
R
N/A
N/A
N/A
0
1
G
R
B
N/A
N/A
N/A
1
0
Y
Pb
Pr
N/A
N/A
N/A
1
1
Y
Pr
Pb
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com