Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8385ASVZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8385ASVZ
Description  10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8385ASVZ Datasheet(HTML) 4 Page - Analog Devices

  AD8385ASVZ Datasheet HTML 1Page - Analog Devices AD8385ASVZ Datasheet HTML 2Page - Analog Devices AD8385ASVZ Datasheet HTML 3Page - Analog Devices AD8385ASVZ Datasheet HTML 4Page - Analog Devices AD8385ASVZ Datasheet HTML 5Page - Analog Devices AD8385ASVZ Datasheet HTML 6Page - Analog Devices AD8385ASVZ Datasheet HTML 7Page - Analog Devices AD8385ASVZ Datasheet HTML 8Page - Analog Devices AD8385ASVZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8385
Rev. 0 | Page 4 of 24
Parameter
Conditions
Min
Typ
Max
Unit
DIGITAL INPUT CHARACTERISTICS
Input tr, tf = 2 ns
Max. Input Data Update Rate
100
Ms/s
Data Setup Time: t1
0
ns
STSQ Setup Time: t3
0
ns
XFR Setup Time: t5
0
ns
Data Hold Time: t2
3
ns
STSQ Hold Time: t4
3
ns
XFR Hold Time: t6
3
ns
CLK High Time: t7
3
ns
CLK Low Time: t8
2.5
ns
CIN
3
pF
IIH
0.05
µA
IIL
–0.6
µA
VIH
2
V
VIL
0.8
V
VTH
1.65
V
1 VDE = differential error voltage; VCME = common-mode error voltage; VFS = full-scale output voltage = 2 × (VRH – VRL). See the
section.
Accuracy
2 Measured on two outputs differentially as CLK and DB(0:9) are driven and XFR is held low.
3 Measured on two outputs differentially as the other four are transitioning by 5 V. Measured for both states of INV.
4 Measured from 50% of rising CLK edge to 50% of output change. Measurement is made for both states of INV.
5 Measured from 50% of rising CLK edge that follows a valid XFR to 50% of output change. Refer to
for the definition.
Figure 6
LEVEL SHIFTERS
@ 25°C, AVCC = 15.5 V, DVCC = 3.3 V, TA MIN = 0°C, TA MAX = 85°C, VRH = 9.5 V, VRL = V1 = V2 = 7 V, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
LEVEL SHIFTER LOGIC INPUTS
CIN
3
pF
IIH
0.05
2
µA
IIL
–2
–0.6
µA
VTH
1.65
V
VIH
2.0
DVCC
V
VIL
DGND
0.8
V
LEVEL SHIFTER OUTPUTS
RL > 10 kΩ
VOH
AVCC – 0.25
V
VOL
0.25
V
LEVEL SHIFTER DYNAMIC PERFORMANCE
TA MIN to TA MAX
Output Rise, Fall Times—tr, tf
DX, CLX, CLXN, ENBX[1–4]
CL = 40 pF
18.5
30
ns
DY, CLY, CLYN
CL = 40 pF
40
70
ns
DIRX, DIRY
CL = 40 pF
102
200
ns
NRG
CL = 200 pF
43
50
ns
NRG
CL = 300 pF
61
100
ns
Propagation Delay Times—t11, t12, t13, t14
DX, CLX, CLXN, ENBX[1–4]
CL = 40 pF
20
50
ns
DY, CLY, CLYN
CL = 40 pF
29
50
ns
DIRX, DIRY
CL = 40 pF
70
100
ns
NRG
CL = 200 pF
30
100
ns
NRG
CL = 300 pF
37
ns
Output Skew
ENBX[1-4]—t15, t16
CL = 40 pF
2
ns
DX to ENBX[1–4]—t16
CL = 40 pF
2
ns
DX to CLX—t15, t16, t17, t18
CL = 40 pF
10
ns
DY, CLY, CLYN—t15, t16, t17, t18
CL = 40 pF
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com